Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3DPX1203 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 6Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 7Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 8Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 9Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 10Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 11Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 12Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 13Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
10 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
5. I2C Programming
5.1 I2C Registers
I2C Address assignment
A6
A5
A4
A3
A2
A1
A0
R/W
Address Byte 1
1
1
AD3
AD2
AD1
AD0
1=R, 0=W
BYTE 0
Bit
Type
Power up condition
Description
Control affected
Comment
7:0
Reserved
BYTE 1
Bit
Type
Power up condition
Description
Control affected
Comment
7:0
Reserved
BYTE 2
Bit
Type
Power up condition
Description
Control affected
Comment
7
R/W
0
A3 Power down
1 = Power down
6
R/W
0
A2 Power down
5
R/W
0
A1 Power down
4
R/W
0
A0 Power down
3
R/W
0
Reserved
2
R/W
0
Reserved
1
R/W
0
Reserved
0
R/W
0
Reserved
BYTE 3
Bit
Type
Power up condition
Description
Control affected
Comment
7
R/W
0
Channel A0 configuration
EQ3
Equalizer
6
R/W
0
EQ2
5
R/W
0
EQ1
4
R/W
0
EQ0
3
R/W
0
FG1
Flat gain
2
R/W
0
FG0
1
R/W
0
SW1
Swing
0
R/W
0
SW0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com