Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PRNF2FAD1M00 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # PRNF2FAD1M00
Description  General Purpose Metal Film Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PRNF2FAD1M00 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

  PRNF2FAD1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. PRNF2FAD1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. PRNF2FAD1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. PRNF2FAD1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. PRNF2FAD1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. PRNF2FAD1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc. PRNF2FAD1M00 Datasheet HTML 7Page - Stackpole Electronics, Inc. PRNF2FAD1M00 Datasheet HTML 8Page - Stackpole Electronics, Inc. PRNF2FAD1M00 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev Date: 3/3/2022
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF / RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Pana-Sert Packaging Specifications
Symbol
Description
0.102
2.60
0.276
7.00
0.492
12.50
0.020 ± 0.002
0.52 ± 0.05
0.500 ± 0.039
12.70 ± 1.00
0.500 ± 0.012
12.70 ± 0.30
0.152 ± 0.020
3.85 ± 0.50
0.250 ± 0.016
6.35 ± 0.40
0.200
5.08
0.000 ± 0.079
0.00 ± 2.00
0.000 ± 0.118
0.00 ± 3.00
0.709
18.00
0.492
12.50
0.354 ± 0.020
9.00 ± 0.50
0.079
2.00
0.748 ± 0.039
19.00 ± 1.00
0.630 ± 0.020
16.00 ± 0.50
PRNF14
A
max.
max.
max.
ØD
Body diameter
max.
max.
max.
A0
Ød
Body length
Mounting height
Lead diameter
P
Component pitch
P0
Feed hole pitch
P1
Feed hole center to lead
Tape width
P2
Feed hole center to body
F
Lead-lead distance
Alpha
Performing angle
H
Distance to tape center
H0
Lead wire clinch height
+0.024 / -0.008
+0.60 / -0.20
45° max.
W0
Hold down tape width
W1
Hole position
W2
Hold down tape position
Δh
Component alignment
Δg
Component alignment
W
+0.039 / -0.031
+1.00 / -0.80
min.
min.
+0 / -0.059
+0 / -1.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com