Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCST2202 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCST2202
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST2202 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCST2202 Datasheet HTML 1Page - Vishay Siliconix TCST2202 Datasheet HTML 2Page - Vishay Siliconix TCST2202 Datasheet HTML 3Page - Vishay Siliconix TCST2202 Datasheet HTML 4Page - Vishay Siliconix TCST2202 Datasheet HTML 5Page - Vishay Siliconix TCST2202 Datasheet HTML 6Page - Vishay Siliconix TCST2202 Datasheet HTML 7Page - Vishay Siliconix TCST2202 Datasheet HTML 8Page - Vishay Siliconix TCST2202 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
For technical questions, contact: sensorstechsupport@vishay.com
Document Number: 81147
4
Rev. 1.0, 17-Aug-09
TCST2103, TCST2202, TCST2300
Vishay Semiconductors
Transmissive Optical Sensor with
Phototransistor Output
Fig. 6 - Collector Dark Current vs. Ambient Temperature
Fig. 7 - Collector Current vs. Forward Current
Fig. 8 - Collector Current vs. Collector Emitter Voltage
Fig. 9 - Current Transfer Ratio vs. Forward Current
Fig. 10 - Turn-off/Turn-on Time vs. Collector Current
Fig. 11 - Relative Collector Current vs. Displacement
0
1
10
100
1000
10 000
Tamb - Ambient Temperature (°C)
95 11090
VCE = 25 V
IF = 0 A
100
75
50
25
0.001
0.01
0.1
1
10
0.1
IF - Forward Current (mA)
96 12066
VCE = 5 V
100
10
1
0.01
0.1
1
10
0.1
VCE - Collector Emitter Voltage (V)
96 12067
20 mA
10 mA
5 mA
2 mA
1 mA
IF = 50 mA
100
10
1
0.1
1
10
100
0.1
IF - Forward Current (mA)
96 12068
VCE = 5 V
100
10
1
0
IC - Collector Current (mA)
95 11086
Non saturated
operation
VS = 5 V
RL = 100
Ω
t on
0
5
10
15
20
t off
10
8
6
4
2
0
10
20
30
40
50
60
70
80
90
100
110
- 0.5
s - Displacement (mm)
96 12005
0
s
A = 1 mm
0.2 0.3 0.4 0.5
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com