Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SRK1001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 2 Page - STMicroelectronics

  SRK1001 Datasheet HTML 1Page - STMicroelectronics SRK1001 Datasheet HTML 2Page - STMicroelectronics SRK1001 Datasheet HTML 3Page - STMicroelectronics SRK1001 Datasheet HTML 4Page - STMicroelectronics SRK1001 Datasheet HTML 5Page - STMicroelectronics SRK1001 Datasheet HTML 6Page - STMicroelectronics SRK1001 Datasheet HTML 7Page - STMicroelectronics SRK1001 Datasheet HTML 8Page - STMicroelectronics SRK1001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
Block diagram and pin connection
Figure 1. Internal block diagram
DRIVER
HV CLAMP
COMPARATORS
TIMER
ADAPTIVE
CONTROL
CONTROL LOGIC
ON
ZCD
POWER
MANAGEMENT &
SWITCH OVER
GND
TON
DVS
GD
VAUX
VCC
TOFF
DIS/SYNC
Figure 2. Pin connections (top view)
VAUX
TOFF
TON
DVS
SO8
GD
DIS/SYNC
GND
VCC
1
2
3
4
5
6
7
8
Table 1. Pin functions
N.
Name
Function
1
DIS/
SYNC
This pin has two functions: disable and synchronization input.
•
Asynchronous turn-off of SR MOSFET always occurs after DIS pin voltage shows a positive rising edge
and the synchronous rectification stays disabled as long as it remains at the high level. If the DIS pin
voltage stays high for at least 4 switching cycles, the device enters low consumption mode.
•
Synchronization function requires that no external capacitor must be mounted between TON pin and GND,
so that SR MOSFET turn-off is accomplished by the positive rising edge of the applied SYNC signal or
when triggered by ZCD comparator output.
This pin is pulled high by internal current source (5 µA); if not used, it must be grounded.
2
GD
Gate driver output. Totem pole output stage is able to drive power MOSFET with high peak current levels. To
avoid excessive gate voltages in case the device is supplied with a high VCC, the high level voltage of this pin is
clamped to about 11.5 V. The pin must be connected directly to the SR MOSFET gate terminal.
3
GND
Return of the device bias current and return of the gate drive current. Route this pin close to the source terminal
of synchronous rectifier MOSFET.
SRK1001
Block diagram and pin connection
DS13155 - Rev 1
page 2/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com