Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7293 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7293
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7293 Datasheet HTML 61Page - STMicroelectronics ST7293 Datasheet HTML 62Page - STMicroelectronics ST7293 Datasheet HTML 63Page - STMicroelectronics ST7293 Datasheet HTML 64Page - STMicroelectronics ST7293 Datasheet HTML 65Page - STMicroelectronics ST7293 Datasheet HTML 66Page - STMicroelectronics ST7293 Datasheet HTML 67Page - STMicroelectronics ST7293 Datasheet HTML 68Page - STMicroelectronics ST7293 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
66/69
ST7293
2 GENERAL INFORMATION
2.1 PACKAGE MECHANICAL DATA
Figure 4. 28-Plastic Dual In Line Package, 600-mil Width
Figure 5. 28-Lead Small Outline Package, 300-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.2
4.8 0.086
0.189
A1
0.51
1.77 0.010
0.069
B
0.38
0.58 0.015
0.023
B1
0.97
1.52 0.055
0.065
C
0.2
0.3 0.008
0.009
D
35.06
36.22 1.400
1.425
D1
–––––
–
E
16.3
0.641
E1
12.9
0.508
K1
–––––
–
K2
–––––
–
L
3.18
4.44 1.25
0.174
e1
2.54
0.10
Number of Pins
N28
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.05
2.55 0.081
0.10
A1
0.1
0.3 0.004
.0118
B
0.35
0.49 .0138
.0192
C
0.23
0.32 .0091
.0125
D
17.7
18.1 .6969
.7125
D1
–––––
–
E
10.0
10.65 0.394
0.419
E1
7.40
7.60 .2914
.2992
E2
–––––
–
L
0.40
1.27 0.016
0.050
e1
1.27
0.05
Number of Pins
N28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com