Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB33N60DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB33N60DM6
Description  N-channel 600 V, 115 mΩ typ., 25 A, MDmesh DM6 Power MOSFET in a D2PAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB33N60DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STB33N60DM6 Datasheet HTML 1Page - STMicroelectronics STB33N60DM6 Datasheet HTML 2Page - STMicroelectronics STB33N60DM6 Datasheet HTML 3Page - STMicroelectronics STB33N60DM6 Datasheet HTML 4Page - STMicroelectronics STB33N60DM6 Datasheet HTML 5Page - STMicroelectronics STB33N60DM6 Datasheet HTML 6Page - STMicroelectronics STB33N60DM6 Datasheet HTML 7Page - STMicroelectronics STB33N60DM6 Datasheet HTML 8Page - STMicroelectronics STB33N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
3
TAB
D²PAK
2
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STB33N60DM6
600 V
128 mΩ
25 A
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STB33N60DM6
Product summary
Order code
STB33N60DM6
Marking
33N60DM6
Package
D2PAK
Packing
Tape and reel
N-channel 600 V, 115 mΩ typ., 25 A, MDmesh DM6 Power MOSFET
in a D2PAK package
STB33N60DM6
Datasheet
DS12904 - Rev 2 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB33N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB33N60DM2 STMICROELECTRONICS-STB33N60DM2 Datasheet
1Mb / 20P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in D²PAK, TO-220 and TO-247 packages
November 2015 Rev 2
logo
Inchange Semiconductor ...
STB33N60DM2 ISC-STB33N60DM2 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - STB33N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD15N60DM6 STMICROELECTRONICS-STD15N60DM6 Datasheet
346Kb / 17P
N-channel 600 V, 286 mΩ typ., 12 A MDmesh DM6 Power MOSFET in a DPAK package
19-May-2020
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
N-channel 600 V, 0.094 Ω typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
21-Jul-2020
STB47N60DM6AG STMICROELECTRONICS-STB47N60DM6AG Datasheet
632Kb / 15P
Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in a D2PAK package
05-Mar-2019
STP33N60DM6 STMICROELECTRONICS-STP33N60DM6 Datasheet
273Kb / 12P
N-channel 600 V, 115 m typ., 25 A, MDmesh™ DM6 Power MOSFET in a TO‑220 package
18-May-2020
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
15-Sep-2020
STF33N60DM6 STMICROELECTRONICS-STF33N60DM6 Datasheet
264Kb / 12P
N-channel 600 V, 115 m typ., 25 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
01-Jul-2020
STO67N60DM6 STMICROELECTRONICS-STO67N60DM6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
08-Jun-2021
STB22N60M6 STMICROELECTRONICS-STB22N60M6 Datasheet
631Kb / 16P
N-channel 600 V, 196 mΩ typ., 15 A, MDmesh™ M6 Power MOSFET in a D2PAK package
16-Nov-2018
STD7N60M6 STMICROELECTRONICS-STD7N60M6 Datasheet
384Kb / 15P
N-channel 600 V, 780 mΩ typ., 5 A, MDmesh M6 Power MOSFET in a DPAK package
28-Jul-2020
STD9N60M6 STMICROELECTRONICS-STD9N60M6 Datasheet
328Kb / 15P
N‑channel 600 V 670 mΩ typ., 6 A MDmesh M6 Power MOSFET in a DPAK package
02-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com