Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS2321 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STS2321
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2321 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STS2321 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2321 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2321 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2321 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2321 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2321 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2321 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-20
P-Channel Enhancement Mode Field Effect Transistor
Oct .29 2004
V1.1
ABSOLUTE MAXIMUM RATINGS (TA=25 C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
V
Drain Current-Continuous @TJ=25 C
-Pulsed
ID
-3.2
A
A
A
W
IDM
-11
Drain-Source Diode Forward Current
IS
-1.25
Maximum Power Dissipation
PD
Operating Junction and Storage
Temperature Range
TJ, TSTG
-55 to 150
C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Ambient
RthJA
100
/W
C
STS2321
1.25
a
a
a
a
b
G
D
S
SOT-23
S
G
D
1
SamHop Microelectronics Corp.
PRODUCT SUMMARY
VDSS
ID
RDS(ON) ( m W ) Max
-20V
-3.2A
65 @ VGS = -4.5V
90 @ VGS =-2.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
SOT-23 package.
10


Similar Part No. - STS2321

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS2321 VBSEMI-STS2321 Datasheet
500Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STS2321

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com