Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6686 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6686
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6686 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6686 Datasheet HTML 1Page - Sipex Corporation SP6686 Datasheet HTML 2Page - Sipex Corporation SP6686 Datasheet HTML 3Page - Sipex Corporation SP6686 Datasheet HTML 4Page - Sipex Corporation SP6686 Datasheet HTML 5Page - Sipex Corporation SP6686 Datasheet HTML 6Page - Sipex Corporation SP6686 Datasheet HTML 7Page - Sipex Corporation SP6686 Datasheet HTML 8Page - Sipex Corporation SP6686 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Date: 03/10/06
SP6686 400mA, Buck/Boost Charge Pump LED Driver
© Copyright 2006 Sipex Corporation
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, VIN = 3.6, CIN = 2.2µF, CFC = 0.47µF, COUT = 1.0µF. VSHDN = VIN, typical values at 25°C. The
♦ denotes the specifications which apply over the full operating range unless otherwise noted.
V
IN , VOUT
......................................................................
-0.3V to 6V
Output Current Pulse (Flash) .......................... 500mA
Output Current Continuous (Torch) ................. 200mA
Storage Temperature ...................... -65°C to +150°C
Operating Temperature ..................... -40°C to +85°C
V
EN ......................................................... ZeroV to 7V
3x3 10 DFN .........................................O
JA = 57.1°C/W
ESD Rating. ................................................ 2kV HBM
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Operating Input Voltage
2.7
5.5
V
♦
♦
♦
♦
Quiescent Current
0.5
3
mA
♦
♦
♦
♦
V
IN = 2.7 - 5.5V FLASH = 0Volts,
Iload = 100µA
2
FLASH = VIN, 2x mode
Shutdown Current
1
µA
V
IN
= 5.5V, VEN = 0Volts
Oscillator Frequency
2.4
MHz
Charge Pump Equivalent
Resistance (x2 mode)
5Ω
V
FB
= 0Volts, VIN= 3.6V
Charge Pump Equivalent
Resistance (x1 mode)
0.6
0.8
Ω
V
IN
= 3.6V
FB Reference Voltage
138
150
162
mV
♦
♦
♦
♦
FLASH = VIN R
SET
= 106KΩ
FB Reference Voltage
45
50
55
mV
♦
♦
♦
♦
FLASH = GND
FB Pin Current
0.5
µA
V
FB = 0.3V
EN, FLASH Logic Low
0.4
V
♦
♦
♦
♦
EN, FLASH Logic High
1.3
V
♦
♦
♦
♦
EN, FLASH Pin Current
0.5
µA
♦
♦
♦
♦
V
OUT
Turn-on Time
250
500
µs
♦
♦
♦
♦
V
IN
= 3.6V, FB within 90% of
regulation
Thermal Shutdown
Temperature
145
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com