Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STAP57045 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STAP57045
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57045 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STAP57045 Datasheet HTML 9Page - STMicroelectronics STAP57045 Datasheet HTML 10Page - STMicroelectronics STAP57045 Datasheet HTML 11Page - STMicroelectronics STAP57045 Datasheet HTML 12Page - STMicroelectronics STAP57045 Datasheet HTML 13Page - STMicroelectronics STAP57045 Datasheet HTML 14Page - STMicroelectronics STAP57045 Datasheet HTML 15Page - STMicroelectronics STAP57045 Datasheet HTML 16Page - STMicroelectronics STAP57045 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STAP57045
Common source s-parameter
13/17
6.2
STAP57045 (VDS = 28 V, IDS = 1.5 A)
Table 9.
S-parameter
Freq (MHz)
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
50
0.829
-161
20.72
92
0.012
2
0.718
-166
100
0.872
-168
10.33
82
0.011
-6
0.731
-170
150
0.897
-172
6.84
74
0.011
-10
0.745
-171
200
0.910
-174
5.02
68
0.010
-14
0.765
-171
250
0.913
-175
3.86
61
0.010
-17
0.783
-171
300
0.922
-176
3.10
55
0.009
-23
0.803
-171
350
0.928
-176
2.53
50
0.009
-25
0.823
-172
400
0.934
-177
2.12
45
0.008
-27
0.839
-172
450
0.941
-178
1.79
41
0.007
-26
0.856
-172
500
0.946
-178
1.53
37
0.006
-26
0.872
-173
550
0.949
-179
1.32
34
0.005
-27
0.884
-174
600
0.955
-179
1.16
31
0.005
-24
0.898
-174
650
0.959
-180
1.03
27
0.004
-18
0.902
-175
700
0.960
180
0.91
25
0.004
-17
0.914
-175
750
0.963
179
0.81
22
0.003
-7
0.919
-176
800
0.967
179
0.73
19
0.003
-1
0.928
-176
850
0.968
178
0.67
17
0.003
11
0.927
-177
900
0.968
178
0.60
15
0.003
28
0.937
-178
950
0.972
178
0.55
12
0.003
36
0.939
-178
1000
0.972
177
0.50
11
0.003
56
0.94
-179
1050
0.972
177
0.49
9
0.003
56
0.944
-179
1100
0.972
176
0.43
7
0.004
63
0.950
-180
1150
0.974
176
0.40
5
0.004
66
0.950
-179
1200
0.975
176
0.37
4
0.005
72
0.950
-180
1250
0.975
175
0.35
3
0.006
75
0.968
180
1300
0.976
175
0.32
0
0.006
77
0.973
178
1350
0.977
174
0.30
-1
0.006
81
0.960
178
1400
0.976
174
0.28
-2
0.006
84
0.960
177
1450
0.973
174
0.26
-3
0.007
98
0.958
177
1500
0.973
174
0.25
-4
0.008
102
0.963
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com