Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STAP57060 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STAP57060
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57060 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STAP57060 Datasheet HTML 4Page - STMicroelectronics STAP57060 Datasheet HTML 5Page - STMicroelectronics STAP57060 Datasheet HTML 6Page - STMicroelectronics STAP57060 Datasheet HTML 7Page - STMicroelectronics STAP57060 Datasheet HTML 8Page - STMicroelectronics STAP57060 Datasheet HTML 9Page - STMicroelectronics STAP57060 Datasheet HTML 10Page - STMicroelectronics STAP57060 Datasheet HTML 11Page - STMicroelectronics STAP57060 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Test circuit
STAP57060
8/16
Doc ID 15708 Rev 1
6
Test circuit
Figure 15.
Schematic test circuit
Table 7.
Test circuit component part list
V
IN
RF
G
G +
+
OUT
RF
+
D
+
D
V
1.
Dimensions at component symbols are reference for component placement.
2.
Gap between ground & transmission line = 0.056 [1.42] +0.002 [0.05] -0.000 [0.00] typ.
3.
Dimensions of input and output component from edge of transmission lines.
Component
Description
L1, L2
Inductor, 5 turns air wound #22AWG, ID 0.059{1.49}, nylon coated magnet wire
FB1, FB2
Shield bead surface mount EMI
R1
18 k
Ω, 1 W surface mount chip resistor
R2
4.7 M
Ω, 1 W surface mount chip resistor
R3
120
Ω, 2 W surface mount chip resistor
C1, C2
3 pF ATC 100B surface mount ceramic chip capacitor
C3, C10, C11, C15
47 pF ATC 100B surface mount ceramic chip capacitor
C4, C9
0.8-8.0 pF giga trim variable capacitor
C5, C6, C7, C8
7.5 pF ATC 100B surface mount ceramic chip capacitor
C12
1000 pF ATC 700B surface mount ceramic chip capacitor
C13, C17
0.1 µF, 500 V surface mount ceramic chip capacitor
C14
10 µF, 50 V aluminum electrolytic radial lead capacitor
C16
100 pF ATC 100B surface mount ceramic chip capacitor
C18
220 µF, 63 V aluminum electrolytic radial lead capacitor
Board
Roger, Ultra Lam 2000, thk 0.030”,
εr = 2.55 2oz. ED Cu 2 sides.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com