Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STAP57100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAP57100
Description  RF power transistor the LdmoST family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57100 Datasheet(HTML) 1 Page - STMicroelectronics

  STAP57100 Datasheet HTML 1Page - STMicroelectronics STAP57100 Datasheet HTML 2Page - STMicroelectronics STAP57100 Datasheet HTML 3Page - STMicroelectronics STAP57100 Datasheet HTML 4Page - STMicroelectronics STAP57100 Datasheet HTML 5Page - STMicroelectronics STAP57100 Datasheet HTML 6Page - STMicroelectronics STAP57100 Datasheet HTML 7Page - STMicroelectronics STAP57100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
April 2009
Rev 1
1/8
8
STAP57100
RF power transistor the LdmoST family
Features
■ Excellent thermal stability
■ Common source configuration push-pull
■ POUT = 100 W with 14 dB gain @ 860 MHz
■ ST advanced PowerSO-10RF - STAP package
■ Load mismatch 10:1 all phases
■ In compliance with the 2002/95/EC european
directive
Description
The STAP57100 is a common source N-channel
enhancement-mode lateral field-effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1.0 GHz. The STAP57100 is designed for high
gain and broadband performance operating in
common source mode at 28 V.
Figure 1.
Pin connection
1
22
4
5
3
1, 2 Drain
3 Source
4, 5 Gate
Table 1.
Device summary
Order code
Package
Branding
STAP57100
STAP2
STAP57100
www.st.com


Similar Part No. - STAP57100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
STAP57060 STMICROELECTRONICS-STAP57060 Datasheet
261Kb / 16P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
12-May-2009
More results

Similar Description - STAP57100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56150 STMICROELECTRONICS-SD56150 Datasheet
214Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
27-Nov-2002
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
11-Mar-2003
PD55003L-E STMICROELECTRONICS-PD55003L-E Datasheet
200Kb / 19P
RF POWER TRANSISTOR The LdmoST Plastic FAMILY
14-Feb-2006
PD84002 STMICROELECTRONICS-PD84002 Datasheet
584Kb / 16P
RF power transistor The LdmoST plastic family
05-Dec-2007
PD85035C STMICROELECTRONICS-PD85035C Datasheet
242Kb / 10P
RF power transistor - LdmoST family
16-Nov-2007
PD85004 STMICROELECTRONICS-PD85004 Datasheet
662Kb / 18P
RF power transistor the LdmoST plastic family
22-Aug-2008
PD85006L-E STMICROELECTRONICS-PD85006L-E Datasheet
568Kb / 17P
RF power transistor the LdmoST plastic family
06-Dec-2007
PD20015C STMICROELECTRONICS-PD20015C Datasheet
155Kb / 9P
RF power transistor, LdmoST family
14-Apr-2009
PD20015-E STMICROELECTRONICS-PD20015-E Datasheet
352Kb / 16P
RF power transistor, LdmoST family
29-May-2012
PD84001 STMICROELECTRONICS-PD84001 Datasheet
462Kb / 18P
RF power transistor the LdmoST plastic family
25-Aug-2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com