Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGWA50IH65DF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGWA50IH65DF
Description  Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA50IH65DF Datasheet(HTML) 4 Page - STMicroelectronics

  STGWA50IH65DF Datasheet HTML 1Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 2Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 3Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 4Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 5Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 6Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 7Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 8Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Table 6. IGBT switching characteristics (snubbed inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eoff (1)
Turn-off switching energy
L = 100 μH, Csnub = 22 nF
VCC = 320 V, RG = 10 Ω,
IC = 50 A
(see Figure 22. Test circuit for snubbed
inductive load switching)
-
284
-
μJ
L = 100 μH, Csnub = 22 nF,
VCC = 320 V, RG = 10 Ω,
IC = 50 A, TJ = 175 °C
(see Figure 22. Test circuit for snubbed
inductive load switching)
-
469
-
1. Including the tail of the collector current.
STGWA50IH65DF
Electrical characteristics
DS11796 - Rev 3
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com