Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STK32N4LLF5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STK32N4LLF5
Description  N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK32N4LLF5 Datasheet(HTML) 1 Page - STMicroelectronics

  STK32N4LLF5 Datasheet HTML 1Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 2Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 3Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 4Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 5Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 6Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 7Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 8Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2009
Rev 1
1/12
12
STK32N4LLF5
N-channel 40 V, 0.0017
Ω, 32 A, PolarPAK®
STripFET™ V Power MOSFET
Features
■ Ultra low top and bottom junction to case
thermal resistance
■ Extremely low on-resistance RDS(on)
■ RDS(on)*Qg industry benchmark
■ High avalanche ruggedness
■ Fully encapsulated die
■ 100% Matte tin finish (in compliance with the
2002/95/EC european directive)
■ PolarPAK® is a trademark of VISHAY
Application
■ Switching applications
Description
This product utilizes the 5th generation of design
rules of ST’s proprietary STripFET™ technology.
The lowest available RDS(on)*Qg, in this chip scale
package, makes this device suitable for the most
demanding DC-DC converter applications, where
high power density is to be achieved.
Figure 1.
Internal schematic diagram
Type
VDSS RDS(on) max RDS(on)*Qg
STK32N4LLF5
40 V
< 0.0025
Ω 106.4nC*mΩ
PolarPAK®
Bottom View
Top View
Table 1.
Device summary
Order code
Marking
Package
Packaging
STK32N4LLF5
324L5
PolarPAK®
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STK32N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET??V Power MOSFET
03-Sep-2008
More results

Similar Description - STK32N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET??V Power MOSFET
03-Sep-2008
STK20N75F3 STMICROELECTRONICS-STK20N75F3 Datasheet
907Kb / 15P
N-channel 75 V, 0.0065 OHM, 20 A, PolarPAK STripFET Power MOSFET
22-Jun-2009
STK22N6F3 STMICROELECTRONICS-STK22N6F3 Datasheet
852Kb / 15P
N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
16-Apr-2009
STL140N4LLF5 STMICROELECTRONICS-STL140N4LLF5 Datasheet
245Kb / 10P
N-channel 40 V, 0.00275 Ω, 32 A, PowerFLAT??(5x6) STripFET™V Power MOSFET
03-Jun-2010
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STH90N55F4-2 STMICROELECTRONICS-STH90N55F4-2 Datasheet
768Kb / 16P
N-channel 55 V, 0.0064 Ω, 90 A, H2PAK STripFET™ DeepGATE™ Power MOSFET
11-Aug-2011
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STK24N4LLF5 STMICROELECTRONICS-STK24N4LLF5 Datasheet
237Kb / 12P
N-channel 40 V, 0.0046 Ω, 24 A, PolarPAK® STripFET™ V Power MOSFET
January 2009
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com