Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP75N15 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP75N15
Description  N-CHANNEL 150V - 0.02Ω - 75A TO-220/D²PAK/TO-247 LOW GATE CHARGE STripFET™ MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75N15 Datasheet(HTML) 2 Page - STMicroelectronics

  STP75N15 Datasheet HTML 1Page - STMicroelectronics STP75N15 Datasheet HTML 2Page - STMicroelectronics STP75N15 Datasheet HTML 3Page - STMicroelectronics STP75N15 Datasheet HTML 4Page - STMicroelectronics STP75N15 Datasheet HTML 5Page - STMicroelectronics STP75N15 Datasheet HTML 6Page - STMicroelectronics STP75N15 Datasheet HTML 7Page - STMicroelectronics STP75N15 Datasheet HTML 8Page - STMicroelectronics STP75N15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STP75N15 - STB75N15 - STW75N15
2/10
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤ 75A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
Table 4: Thermal Data
Table 5: Avalanche Characteristics
Symbol
Parameter
Value
Unit
TO-220/D²PAK
TO-247
VDS
Drain-source Voltage (VGS = 0)
150
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)150
V
VGS
Gate- source Voltage
± 26
V
ID
Drain Current (continuous) at TC = 25°C75
A
ID
Drain Current (continuous) at TC = 100°C48
A
IDM ( )
Drain Current (pulsed)
300
A
PTOT
Total Dissipation at TC = 25°C
300
350
W
Derating Factor
2
2.38
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
TBD
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
TO-220/D²PAK
TO-247
Unit
Rthj-case
Thermal Resistance Junction-case Max
0.5
0.42
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
TBD
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
TBD
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com