Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AAT1156 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT1156
Description  1MHz 700mA Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1156 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT1156 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Characteristics
No Load Supply Current vs. Input Voltage
Input Voltage (V)
0
50
100
150
200
250
300
2.5
3
3.5
4
4.5
5
5.5
-40
°C
25
°C
85
°C
Load Transient Response
(50mA-680mA; VIN = 3.6V; VOUT = 0.8V)
Time (10
µµsec/div)
0.67
0.69
0.71
0.73
0.75
0.77
0.79
0.81
0.83
Ø
Ø
Line Transient
(IOUT = 500mA; VO = 0.8V)
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
-20
-10
0
10
20
30
40
50
60
Time (20
µsec/div)
Output Ripple
(0.8V; 700mA; VIN = 3.6V)
Time (250ns/div)
-60
-50
-40
-30
-20
-10
0
10
20
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Soft Start
(0.8V; 700mA; VIN = 3.6V)
Time (100
µµs/div)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Output Ripple
(0.8V; 10mA; VIN = 3.6V)
Time (2
µµs/div)
-60
-50
-40
-30
-20
-10
0
10
20
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
AAT1156
1MHz 700mA Step-Down DC-DC Converter
1156.2005.11.1.2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com