Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE812 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMPE812
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 11Page - STMicroelectronics STMPE812 Datasheet HTML 12Page - STMicroelectronics STMPE812 Datasheet HTML 13Page - STMicroelectronics STMPE812 Datasheet HTML 14Page - STMicroelectronics STMPE812 Datasheet HTML 15Page - STMicroelectronics STMPE812 Datasheet HTML 16Page - STMicroelectronics STMPE812 Datasheet HTML 17Page - STMicroelectronics STMPE812 Datasheet HTML 18Page - STMicroelectronics STMPE812 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
STMPE812
STMPE812 registers
Doc ID 17732 Rev 3
15/51
6
STMPE812 registers
This section lists and describes the registers of the STMPE812 device, starting with a
register map and then provides detailed descriptions of register types.
Table 6.
Register summary map table
Address
Register name
Bit
Type
Reset value
Function
Registers from 0x00 - 0x0F are always accessible.
0x00 - 01
CHIP_ID
16
R
0x0812
Device identification
0x02
ID_VER
8
R
0x10
Revision number
0x10 for engineering sample
0x03
SYS_CTRL
8
R/W
0x0F
System control register
0x04
PORT_FUNCTI
ON
8
R/W
0x00
Port function control register
0x06 - 07
SCRATCH_PAD
16
R/W
0x00
General purpose storage
register
0x08
INT_CTRL
8
R/W
0x00
Interrupt control register
0x09
INT_EN
8
R/W
0x00
interrupt enable register
0x0A
INT_STA
8
R
0x00
Interrupt status register
Registers from 0x10 - 0x1F are accessible only if “GPIO_OFF” bit in SYS_CTRL is set to “0”.
0x10
GPIO_SET_PIN
8
R/W
0x00
GPIO set pin register
0x11
GPIO_CLR_PIN
8
R/W
0x00
GPIO clear pin register
0x12
GPIO_MP_STA
8
R/W
0x00
GPIO monitor pin state
register
0x13
GPIO_DIR
8
R/W
0x00
GPIO falling edge register
0x14
GPIO_ED
8
R/W
0x00
GPIO rising edge register
Registers from 0x20 - 0x2F are accessible only if “ADC_OFF” bit in SYS_CTRL is set to “0”.
0x20
ADC_CTRL
8
R/W
0x32
ADC control
0x21 - 22
ADC_DATA
16
R
0x0000
ADC data
Registers from 0x40 - 0x4F are accessible only if “TSC_OFF” bit in SYS_CTRL is set to “0”.
0x40
TSC_CTRL
8
R/W
0x00
4-wire touchscreen
controller setup
0x41
TSC_DET_CFG
1
8R/W
0xA4
Touchscreen controller
configuration 1
0x42
TSC_DET_CFG
2
8R/W
0xB0
Touchscreen controller
configuration 2
0x43
TSC_SAMPLIN
G_RATE
8R/W
0x0A
Touchscreen controller
sampling rate register
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com