Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW70N65DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW70N65DM6
Description  N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW70N65DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STW70N65DM6 Datasheet HTML 1Page - STMicroelectronics STW70N65DM6 Datasheet HTML 2Page - STMicroelectronics STW70N65DM6 Datasheet HTML 3Page - STMicroelectronics STW70N65DM6 Datasheet HTML 4Page - STMicroelectronics STW70N65DM6 Datasheet HTML 5Page - STMicroelectronics STW70N65DM6 Datasheet HTML 6Page - STMicroelectronics STW70N65DM6 Datasheet HTML 7Page - STMicroelectronics STW70N65DM6 Datasheet HTML 8Page - STMicroelectronics STW70N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TO-247 long leads
1
2
3
TO-247
1
2
3
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
STW70N65DM6
650 V
40 mΩ
68 A
STWA70N65DM6
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
These high-voltage N-channel Power MOSFETs are part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STW70N65DM6
STWA70N65DM6
Product summary
Order code
STW70N65DM6
Marking
70N65DM6
Package
TO-247
Packing
Tube
Order code
STWA70N65DM6
Marking
70N65DM6
Package
TO-247 long leads
Packing
Tube
N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247
and TO-247 long leads packages
STW70N65DM6, STWA70N65DM6
Datasheet
DS12313 - Rev 2 - July 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STW70N65DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW70N65M2 STMICROELECTRONICS-STW70N65M2 Datasheet
716Kb / 12P
N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
04-Feb-2016
More results

Similar Description - STW70N65DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW88N65M5 STMICROELECTRONICS-STW88N65M5 Datasheet
1Mb / 15P
N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
30-Nov-2012
STW40N90K5 STMICROELECTRONICS-STW40N90K5 Datasheet
779Kb / 14P
N-channel 900 V, 0.088 Ω typ., 40 A MDmesh™ K5 Power MOSFETs in TO-247 and TO-247 long leads packages
25-Nov-2016
STW40N95DK5 STMICROELECTRONICS-STW40N95DK5 Datasheet
774Kb / 14P
N-channel 950 V, 0.120 Ω typ., 38 A, MDmesh™ DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STFW45N65M5 STMICROELECTRONICS-STFW45N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 35 A, 0.067 Ω typ., MDmesh™ V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
09-May-2014
STW75N60DM6 STMICROELECTRONICS-STW75N60DM6 Datasheet
333Kb / 14P
N-channel 600 V, 32 mΩ typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
July 2020
STWA70N65DM6 STMICROELECTRONICS-STWA70N65DM6 Datasheet
949Kb / 12P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
02-Jul-2020
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA46N65DM6AG STMICROELECTRONICS-STWA46N65DM6AG Datasheet
260Kb / 12P
Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
04-Aug-2021
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
13-Dec-2013
STW3N170 STMICROELECTRONICS-STW3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com