Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AVRM2012 Datasheet(PDF) 7 Page - TDK Electronics

Part # AVRM2012
Description  Chip varistors ESD/Voltage protection devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRM2012 Datasheet(HTML) 7 Page - TDK Electronics

Back Button AVRM2012 Datasheet HTML 3Page - TDK Electronics AVRM2012 Datasheet HTML 4Page - TDK Electronics AVRM2012 Datasheet HTML 5Page - TDK Electronics AVRM2012 Datasheet HTML 6Page - TDK Electronics AVRM2012 Datasheet HTML 7Page - TDK Electronics AVRM2012 Datasheet HTML 8Page - TDK Electronics AVRM2012 Datasheet HTML 9Page - TDK Electronics AVRM2012 Datasheet HTML 10Page - TDK Electronics AVRM2012 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
(7/12)
20220209 / vpd_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Board design
When attached to chip varistors, amount of silver used (fillet size)
has direct impact on chip varistors after mounting. Thus, sufficient
consideration is necessary.
Set of land dimensions
(1) As the stress rises in the chip varistors owing to the increase in
silver, breakage and cracks will occur. Cause including crack, as
caution on board land design, configure the shape and dimensions
so that the amount of silver is appropriate. If you installed 2 or
more parts in the Common Land, separated by a solder resist and
special land of each component.
(2) When peak levels panning-at soldering is excessive, by solder
contraction stress, mechanical-thermal stress causes a Yasuku
chip crack. In addition, when the peak level is underestimated, ter-
minal electrode fixed strength is insufficient. This causes
chip
dropouts and may affect circuit reliability. Representative example
of the panning of peak levels is shown in the following.
Recommended silver dose
Case and suggested protocol want to avoid
Attention on a circuit board design
RoHS Directive Compliant Product
Compatible with lead-free solders
Dimensions shape
Symbol
A
B
C
0402
0.20 Nom.
0.15 to 0.21
0.18 to 0.20
0603
0.25 to 0.35
0.20 to 0.30
0.25 to 0.35
1005
0.30 to 0.50
0.35 to 0.45
0.40 to 0.60
1608
0.60 to 0.80
0.60 to 0.80
0.60 to 0.80
2012
0.90 to 1.20
0.70 to 0.90
0.90 to 1.20
A
B
C
Solder volume
overload
Solder stress is increased,
and it is easy for a crack to
form.
Decent solder
volume
Solder volume
deficit
Fixed strength is weak, and
there is connection a prob-
lem and risk of loss.
Example
Cases to avoid
Improvement example
(land division)
Lead wire and land
of part discrete
doubles up
Arrangements in
the vicinity
Arrangements of
chip component's
companion
Most large serving amount
Minimum prime amount
Solder
Chip
Leads
PCB
Solder resist
Leads
Solder
(ground solder)
Chassis
L1
Solder resist
L2
L2>L1
Land
Land
Excess solder
Missing solder
Solder resist



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com