Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ER500 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER500
Description  SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER500 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER500 Datasheet HTML 1Page - Pan Jit International Inc. ER500 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
ER500 THRU ER506
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
8.0
6.0
4.0
2.0
0
50
75
100
125
150
175
200
ON HEAT SINK
ON PCB
AMBIENT TEMPERATURE, ¢J
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND
TEST CIRCUIT DIAGRAM
Fig. 2-MAXIMUM AVERAGE FORWARD
CURRENT RATING
5.0
4.0
3.0
2.0
1.0
0
0
50
100
150
CASE TEMPERATURE, ¢J
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ER506
ER500 ~ ER502
ER503 ~ ER504
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 3-MAXIMUM AVERAGE FORWARD CCURRENT
RATING
Fig. 4-FORWARD CURRENT DERATING CURVE
¡y
200
150
125
75
35
1
5
10
50
100
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
100
10
5
1
10
100
TJ = 25¢J
f = 1.0MHz
Vsig = 50mVp-p
REVERSE VOLTAGE, VOLTS
Fig. 5-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig. 6-TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com