Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BTA08 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTA08
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08 Datasheet(HTML) 3 Page - STMicroelectronics

  BTA08_V01 Datasheet HTML 1Page - STMicroelectronics BTA08_V01 Datasheet HTML 2Page - STMicroelectronics BTA08_V01 Datasheet HTML 3Page - STMicroelectronics BTA08_V01 Datasheet HTML 4Page - STMicroelectronics BTA08_V01 Datasheet HTML 5Page - STMicroelectronics BTA08_V01 Datasheet HTML 6Page - STMicroelectronics BTA08_V01 Datasheet HTML 7Page - STMicroelectronics BTA08_V01 Datasheet HTML 8Page - STMicroelectronics BTA08_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Table 3. Standard (4 quadrants)
Symbol
Parameter
Quadrant
BTA08/BTB08
Unit
C
B
IGT (1)
VD = 12 V, RL = 33 Ω
I - II - III
Max.
25
50
mA
IV
50
100
VGT
All
Max.
1.3
V
VGD
VD = VDRM, RL = 33 kΩ, Tj = 125 °C
All
Min.
0.2
V
IH (2)
IT = 500 mA
I - II - III
Max.
25
50
mA
IL
IG = 1.2 IGT
I - III - IV
Max.
40
50
mA
II
80
100
dV/dt (2)
VD = 67 % VDRM gate open, Tj = 125 °C
Min.
200
400
V/µs
(dV/dt)c (2)
(dI/dt)c = 3.5 A/ms, Tj = 125 °C
Min.
5
10
V/µs
1. Minimum IGT is guaranteed at 5 % of IGT max.
2. For both polarities of A2 referenced to A1
Table 4. Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM (1)
ITM = 11 A, tp = 380 µs
Tj = 25 °C
Max.
1.55
V
VTO (1)
threshold on-state voltage
Tj = 125 °C
Max.
0.85
V
RD (1)
Dynamic resistance
Tj = 125 °C
Max.
50
mΩ
IDRM IRRM
VDRM = VRRM
Tj = 25 °C
Max.
5
µA
Tj = 125 °C
Max.
1
mA
1. For both polarities of A2 referenced to A1
Table 5. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Max. junction to case thermal resistance (AC)
IPAK / D2PAK / DPAK / TO-220AB
1.6
°C/W
TO-220AB Insulated
2.5
Rth(j-a)
Junction to ambient (typ.)
S = 2 cm² (1)
D²PAK
45
°C/W
S = 1 cm²(1)
DPAK
70
Junction to ambient (typ.)
TO-220AB / TO-220AB Insulated
60
IPAK
100
1. S = Copper surface under tab.
BTA08, BTB08, T810, T835, T850
Characteristics
DS2114 - Rev 15
page 3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com