Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DCNLB Datasheet(PDF) 1 Page - Littelfuse

Part # DCNLB
Description  60V DC MAX CONTACTOR RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCNLB Datasheet(HTML) 1 Page - Littelfuse

  DCNLB Datasheet HTML 1Page - Littelfuse DCNLB Datasheet HTML 2Page - Littelfuse DCNLB Datasheet HTML 3Page - Littelfuse DCNLB Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Littelfuse.com
© 2022 Littelfuse, Inc.
081122-A
Description
Designed for the electric control systems of
communication power supplies, uninterruptible power
supplies (UPS), engineering machines, and more, the
DCNLB Series 48V High-Current DC Contactor Relay is
a normally closed relay that is available in single-coil and
double-coil configurations. The high-current contactor relay
is also available with coil voltage ratings of 24V, 48V, and
60V to suit various applications.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/DCNLB
Applications
• Communication Power Supplies
• UPS
Features and Benefits
• Up to 200A continuous current rating for high-current
contact switching
• Able to make and break up to 1600A
• Main contacts are rated for 48V (typical) and 60V (max)
• Coil voltage options include 24V, 48V, and 60V
• Normally close, monostable relay design
• Available in single-coil and double-coil configurations
• Non-polarized contacts
DCNLB SERIES
60V DC MAX CONTACTOR RELAY
Specifications
Max Voltage Rating (V DC):
60
Current Rating Continuous (A):  100, 200
Coil Voltage Rating (V DC): 
24, 48, 60
Ingress Protection: 
IP 40
Operating Temperature (°C): 
-40 to +85
Electrical Diagram
K2
K1
2
1
K
1
2
Dual Coil
Single Coil


Similar Part No. - DCNLB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCNLEV100 LITTELFUSE-DCNLEV100 Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100-B LITTELFUSE-DCNLEV100-B Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100-BA LITTELFUSE-DCNLEV100-BA Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100-BAN LITTELFUSE-DCNLEV100-BAN Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100-BAS LITTELFUSE-DCNLEV100-BAS Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
More results

Similar Description - DCNLB

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
BZJ-50D DONGYA-BZJ-50D Datasheet
175Kb / 1P
DC Contactor
ZLJM-50A DONGYA-ZLJM-50A Datasheet
98Kb / 3P
DC Contactor
ZLJM-80D DONGYA-ZLJM-80D Datasheet
292Kb / 1P
DC Contactor
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-200D DONGYA-ZLJM-200D Datasheet
60Kb / 2P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
ZLJM-800D DONGYA-ZLJM-800D Datasheet
238Kb / 1P
DC Contactor
logo
Littelfuse
DCNHR LITTELFUSE-DCNHR Datasheet
259Kb / 5P
900V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc. 081722-A
DCNLM LITTELFUSE-DCNLM Datasheet
467Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 081122-A
logo
ABB
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com