Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APTDF450U60 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTDF450U60
Description  Single diode Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF450U60 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTDF450U60 Datasheet HTML 1Page - Advanced Power Technology APTDF450U60 Datasheet HTML 2Page - Advanced Power Technology APTDF450U60 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APTDF450U60
APT website – http://www.advancedpower.com
1 - 3
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VR
Maximum DC reverse Voltage
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tc = 25°C
500
IF(AV)
Maximum Average Forward
Current
Duty cycle = 50%
Tc = 80°C
450
IF(RMS)
RMS Forward Current
850
IFSM
Non-Repetitive Forward Surge Current
Tj = 25°C
5000
A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
K2
K1
A2
A1
VCES = 600V
IC = 450A @ Tc = 80°C
Application
Anti-Parallel diode
-
Switchmode Power Supply
-
Inverters
Snubber diode
Uninterruptible Power Supply (UPS)
Induction heating
Welding equipment
High speed rectifiers
Electric vehicles
Features
Ultra fast recovery times
Soft recovery characteristics
Very low stray inductance
High blocking voltage
High current
Low leakage current
Benefits
Low losses
Low noise switching
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Single diode
Power Module


Similar Part No. - APTDF450U60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTDF450U60G MICROSEMI-APTDF450U60G Datasheet
186Kb / 3P
Single diode Power Module
More results

Similar Description - APTDF450U60

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTDF400U120 ADPOW-APTDF400U120 Datasheet
197Kb / 3P
Single diode Power Module
APTDF430U100 ADPOW-APTDF430U100 Datasheet
197Kb / 3P
Single diode Power Module
APTDF500U20 ADPOW-APTDF500U20 Datasheet
197Kb / 3P
Single diode Power Module
APTDF500U40 ADPOW-APTDF500U40 Datasheet
197Kb / 3P
Single diode Power Module
logo
Microsemi Corporation
APTDF400U120G MICROSEMI-APTDF400U120G Datasheet
186Kb / 3P
Single diode Power Module
APTDF430U100G MICROSEMI-APTDF430U100G Datasheet
186Kb / 3P
Single diode Power Module
APTDF450U60G MICROSEMI-APTDF450U60G Datasheet
186Kb / 3P
Single diode Power Module
APTDF500U20G MICROSEMI-APTDF500U20G Datasheet
186Kb / 3P
Single diode Power Module
APTDF500U40G MICROSEMI-APTDF500U40G Datasheet
186Kb / 3P
Single diode Power Module
APTDC902U601G MICROSEMI-APTDC902U601G Datasheet
112Kb / 4P
Single SiC Diode Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com