Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM29LV640MT Datasheet(PDF) 21 Page - SPANSION

Part # AM29LV640MT
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV640MT Datasheet(HTML) 21 Page - SPANSION

Back Button AM29LV640MT Datasheet HTML 17Page - SPANSION AM29LV640MT Datasheet HTML 18Page - SPANSION AM29LV640MT Datasheet HTML 19Page - SPANSION AM29LV640MT Datasheet HTML 20Page - SPANSION AM29LV640MT Datasheet HTML 21Page - SPANSION AM29LV640MT Datasheet HTML 22Page - SPANSION AM29LV640MT Datasheet HTML 23Page - SPANSION AM29LV640MT Datasheet HTML 24Page - SPANSION AM29LV640MT Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
February 12, 2004
Am29LV640MT/B
19
ADV ANCE
I N FO RMAT I O N
Sector Group Protection and
Unprotection
The hardware sector group protection feature disables
both program and erase operations in any sector
group. In this device, a sector group consists of four
adjacent sectors that are protected or unprotected at
the same time (see Tables 5 and 6). The hardware
sector group unprotection feature re-enables both pro-
gram and erase operations in previously protected
sector groups. Sector group protection/unprotection
can be implemented via two methods.
Sector protection/unprotection requires V
ID on the RE-
SET# pin only, and can be implemented either in-sys-
tem or via programming equipment. Figure 2 shows
the algorithms and Figure 24 shows the timing dia-
gram. This method uses standard microprocessor bus
cycle timing. For sector group unprotect, all unpro-
tected sector groups must first be protected prior to
the first sector group unprotect write cycle.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and pro-
tecting sector groups at its factory prior to shipping the
device through AMD’s ExpressFlash™ Service. Con-
tact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See the Autoselect Mode
section for details.
Table 5.
Am29LV640MT Top Boot
Sector Protection
Sector
A21–A12
Sector/
Sector Block Size
SA0-SA3
00000XXXXX
256 (4x64) Kbytes
SA4-SA7
00001XXXXX
256 (4x64) Kbytes
SA8-SA11
00010XXXXX
256 (4x64) Kbytes
SA12-SA15
00011XXXXX
256 (4x64) Kbytes
SA16-SA19
00100XXXXX
256 (4x64) Kbytes
SA20-SA23
00101XXXXX
256 (4x64) Kbytes
SA24-SA27
00110XXXXX
256 (4x64) Kbytes
SA28-SA31
00111XXXXX
256 (4x64) Kbytes
SA32-SA35
01000XXXXX
256 (4x64) Kbytes
SA36-SA39
01001XXXXX
256 (4x64) Kbytes
SA40-SA43
01010XXXXX
256 (4x64) Kbytes
SA44-SA47
01011XXXXX
256 (4x64) Kbytes
SA48-SA51
01100XXXXX
256 (4x64) Kbytes
SA52-SA55
01101XXXXX
256 (4x64) Kbytes
SA56-SA59
01110XXXXX
256 (4x64) Kbytes
SA60-SA63
01111XXXXX
256 (4x64) Kbytes
SA64-SA67
10000XXXXX
256 (4x64) Kbytes
SA68-SA71
10001XXXXX
256 (4x64) Kbytes
SA72-SA75
10010XXXXX
256 (4x64) Kbytes
SA76-SA79
10011XXXXX
256 (4x64) Kbytes
SA80-SA83
10100XXXXX
256 (4x64) Kbytes
SA84-SA87
10101XXXXX
256 (4x64) Kbytes
SA88-SA91
10110XXXXX
256 (4x64) Kbytes
SA92-SA95
10111XXXXX
256 (4x64) Kbytes
SA96-SA99
11000XXXXX
256 (4x64) Kbytes
SA100-SA103
11001XXXXX
256 (4x64) Kbytes
SA104-SA107
11010XXXXX
256 (4x64) Kbytes
SA108-SA111
11011XXXXX
256 (4x64) Kbytes
SA112-SA115
11100XXXXX
256 (4x64) Kbytes
SA116-SA119
11101XXXXX
256 (4x64) Kbytes
SA120-SA123
11110XXXXX
256 (4x64) Kbytes
SA124-SA126
1111100XXX
1111101XXX
1111110XXX
192 (3x64) Kbytes
SA127
1111111000
8 Kbytes
SA128
1111111001
8 Kbytes
SA129
1111111010
8 Kbytes
SA130
1111111011
8 Kbytes
SA131
1111111100
8 Kbytes
SA132
1111111101
8 Kbytes
SA133
1111111110
8 Kbytes
SA134
1111111111
8 Kbytes
Table 6.
Am29LV640MB Bottom Boot
Sector Protection
Sector
A21–A12
Sector/
Sector Block Size
SA0
0000000000
8 Kbytes
SA1
0000000001
8 Kbytes
SA2
0000000010
8 Kbytes
SA3
0000000011
8 Kbytes
SA4
0000000100
8 Kbytes
SA5
0000000101
8 Kbytes
SA6
0000000110
8 Kbytes
SA7
0000000111
8 Kbytes
SA8–SA10
0000001XXX,
0000010XXX,
0000011XXX,
192 (3x64) Kbytes
SA11–SA14
00001XXXXX
256 (4x64) Kbytes
SA15–SA18
00010XXXXX
256 (4x64) Kbytes
SA19–SA22
00011XXXXX
256 (4x64) Kbytes
SA23–SA26
00100XXXXX
256 (4x64) Kbytes
SA27-SA30
00101XXXXX
256 (4x64) Kbytes
SA31-SA34
00110XXXXX
256 (4x64) Kbytes
SA35-SA38
00111XXXXX
256 (4x64) Kbytes
SA39-SA42
01000XXXXX
256 (4x64) Kbytes
SA43-SA46
01001XXXXX
256 (4x64) Kbytes
SA47-SA50
01010XXXXX
256 (4x64) Kbytes
SA51-SA54
01011XXXXX
256 (4x64) Kbytes
Sector
A21–A12
Sector/
Sector Block Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com