Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1163N Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # R1163N
Description  3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1163N Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button R1163N Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
R1163N
NO.EC-118-190320
21
6) Standby Current vs. Input Voltage
7) Reverse Current vs. Output Voltage
8) Dropout Voltage vs. Output Current
R1163x151x FT Mode
R1163x151x LP Mode
02
5
14
36
Input Voltage VIN(V)
0.0
0.5
1.0
1.5
2.0
2.5
Topt=85
°C
Topt=25
°C
Topt=-40
°C
VIN=1V
1.5
3.0
5.5
2.0
5.0
4.0
3.5
2.5
4.5
6.0
Output Voltage VOUT(V)
0.000
0.004
0.008
0.012
0.016
0.018
0.002
0.006
0.010
0.014
0.020
Topt=85
°C
Topt=25
°C
Topt=-40
°C
0.0
0.8
1.8
0.2 0.4
1.6
1.2
1.0
0.6
1.4
2.0
Output Voltage VOUT(V)
0.0
0.4
0.8
0.2
0.6
1.0
1.2
Topt=85
°C
Topt=25
°C
Topt=-40
°C
VIN=0V
0
50
125
25
100
75
150
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
Topt=85
°C
Topt=25
°C
Topt=-40
°C
0
50
125
25
100
75
150
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
Topt=85
°C
Topt=25
°C
Topt=-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com