Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MS1649 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1649
Description  RF & MICROWAVE TRANSISTORS UHF CLASS C MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1649 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1649 Datasheet HTML 1Page - Advanced Power Technology MS1649 Datasheet HTML 2Page - Advanced Power Technology MS1649 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A: 09/16/05
MS1649
RF & MICROWAVE TRANSISTORS
UHF CLASS C MOBILE APPLICATIONS
DESCRIPTION:
The MS1649 is a 12.5V epitaxial NPN planar transistor
designed primarily for UHF communications. This device is
packaged in a grounded emitter TO-39 package for increased
power gain and optimum heat dissipation.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
16
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Collector Current
1.0
A
PTOT
Total Power Dissipation
7.8
W
TSTG
Storage Temperature
-65 to +200
°C
TJ
Junction Temperature
+200
°C
Thermal Data
RTH(J-C)
Thermal Resistance Junction-Case
35.0
°C/W
1. Collector
2. Base
3. Emitter
TO-39
Features
• 470 MHz
• P
OUT = 3W
• G
P = 9.5dB MINIMUM
• COMMON EMITTER CONFIGURATION


Similar Part No. - MS1649

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MS1649 ASI-MS1649 Datasheet
160Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MS1649

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1134 STMICROELECTRONICS-SD1134 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1433 STMICROELECTRONICS-SD1433 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1488 STMICROELECTRONICS-SD1488 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
24-Jul-1993
logo
Advanced Power Technolo...
MS1426 ADPOW-MS1426 Datasheet
98Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1490 ADPOW-MS1490 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1429-03 ADPOW-SD1429-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1422 ADPOW-SD1422 Datasheet
126Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com