Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MS3011 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS3011
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS3011 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS3011 Datasheet HTML 1Page - Advanced Power Technology MS3011 Datasheet HTML 2Page - Advanced Power Technology MS3011 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS3011
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 1mA
IE = 0mA
50
---
---
V
BVEBO
IE = 1mA
IC = 0mA
3.5
---
---
V
BVCEO
IC = 5mA
IB = 0mA
20
---
---
V
ICEO
VCE = 18V
---
---
1.0
mA
HFE
VCE = 5V
IC = 250mA
15
---
120
---
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
GP
f = 2.0GHz
POUT = 30.0 dBm
7.0
---
---
dB
+
GP
f = 2.0GHz
POUT = 30.0 dBm
+
POUT = 10dB
---
---
1.0
dB
COB
f = 1 MHz
VCB = 28V
---
---
5.0
pf
Conditions
VCE = 18V
IC = 220mA
12-10-2002



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com