Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP3981B Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3981B
Description  PRIMARY SIDE REGULATED POWER SWITCHER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3981B Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3981B Datasheet HTML 9Page - Diodes Incorporated AP3981B Datasheet HTML 10Page - Diodes Incorporated AP3981B Datasheet HTML 11Page - Diodes Incorporated AP3981B Datasheet HTML 12Page - Diodes Incorporated AP3981B Datasheet HTML 13Page - Diodes Incorporated AP3981B Datasheet HTML 14Page - Diodes Incorporated AP3981B Datasheet HTML 15Page - Diodes Incorporated AP3981B Datasheet HTML 16Page - Diodes Incorporated AP3981B Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP3981B
Document number: DS41422 Rev. 2 - 2
13 of 17
www.diodes.com
May 2019
© Diodes Incorporated
AP3981B
Operation Principle Description (continued)
11. Protection
The AP3981B provides versatile protections to prevent the system from damage under various fault conditions. Most protections will trigger
auto-recovery mode in which the system will restart as soon as the VCC drops to VOPR(MIN), when the fault conditions are removed, the system
will recover to normal operation automatically.
VCC OVP
A VCC OVP threshold is set to protect the IC from damage. When the VCC OVP protection is triggered, the IC will stop outputting drive signal
immediately and the system will enter auto-recovery mode.
Secondary-Side Over Voltage Protection (SOVP)
As it described above that the FB pin voltage during tONS reflects the output voltage proportionally, this voltage can be used to realize SOVP.
The AP3981B set a higher threshold, VFB(OVP), to shut down the system if the sampled voltage reaches the threshold continuously for 3
switching cycles, the SOVP will be triggered and the system will enter auto-recovery mode.
Secondary-Side Under Voltage Protection (SUVP)
Like SOVP, the AP3981B also integrates the SUVP protection. If the detected voltage on FB pin is lower than VFB(SUVP) for 128ms, the SOVP
will be triggered and the system will enter auto-recovery mode.
Output Short Protection (SCP)
A much lower threshold is set on FB pin to protect the system when output short condition occurs. If the detected FB voltage is lower than 0.78V
for 64ms, the SCP will be triggered and the system will enter auto-recovery mode.
Transformer Anti-Saturation Protection
Under some fault conditions or bad system design, the transformer may approach saturation and the current increases dramatically. To avoid
power device damage since of transformer saturation, the AP3981B integrated a maximum VCS threshold VCS(MAX) to protect the system. If
there are 3 consecutive pulses where VCS exceeds the threshold, the controller will shut down and enter auto-recovery mode.
Over Temperature Protection (OTP)
If the IC junction temperature exceeds the threshold of TOTP, the AP3981B will shut down immediately and enter auto-recovery mode. Note that
even when the VCC reaches VTH_ST, the IC will not output any drive pulse until the junction temperature falls of a hysteresis temperature of
+30°C.
Brown In / Brown Out Protection
The AP3981B detects the bus voltage at each switching cycle through FB pin during tONP period. When the VCC reaches VTH_ST after power-on,
the AP3981B will output one switching pulse to check if the detected bus voltage on FB pin is higher than VFB_NEG_H. If so, the system will start
up normally, otherwise AP3981B will stop outputting following pulses, then the VCC will drop below VOPR(MIN) and the system will repeat the
process described above until the detected FB voltage is higher than VFB_NEG_H. When the power is off or there is a ditch in bus voltage, if the
detected voltage is lower than VFB_NEG_L for 3 consecutive switching cycles, the IC will shut down and enter auto-recovery mode. This function
is very useful when the bulk capacitor is open, or when the heavy load is suddenly released after power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com