Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH4737 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4737
Description  IR Broadband Emitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4737 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4737 Datasheet HTML 1Page - OSRAM GmbH SFH4737 Datasheet HTML 2Page - OSRAM GmbH SFH4737 Datasheet HTML 3Page - OSRAM GmbH SFH4737 Datasheet HTML 4Page - OSRAM GmbH SFH4737 Datasheet HTML 5Page - OSRAM GmbH SFH4737 Datasheet HTML 6Page - OSRAM GmbH SFH4737 Datasheet HTML 7Page - OSRAM GmbH SFH4737 Datasheet HTML 8Page - OSRAM GmbH SFH4737 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SFH 4737
DATASHEET
DATASHEET
4 | Version 1.1 | 2022-02-22
Maximum Ratings
T
A = 25 °C
Parameter
Symbol
Values
Operating temperature
T
op
min.
max.
-40 °C
85 °C
Storage temperature
T
stg
min.
max.
-40 °C
105 °C
Junction temperature
T
j
max.
125 °C
Forward current
I
F
max.
500 mA
Forward current pulsed
t
p ≤ 10 ms; D ≤ 0.005
I
F pulse
max.
1 A
Power consumption
P
tot
max.
1750 mW
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
V
ESD
max.
2 kV
For the forward current and power consumption please see “maximum
permissible forward current” diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com