| Electronic Components Datasheet Search |
|
DM164142 Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM164142 Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 2 page ![]() On-Board Application Processor The PIC16F18877 MCU is the centerpiece of the MPLAB Xpress board. The product family features a 10- bit ADC with Computation (ADC2) for automated signal analysis, helping reduce system complexity. The MCUs include Core Independent Peripherals, communication, CRC/SCAN, Hardware Limit Timer (HLT) and Windowed WDT (WWDT) to support customers looking to add safety and monitoring to their system. Additionally, these products also feature power conserving functionality, including Idle/Doze operating modes, Peripheral Module Disable (PMD) and eXtreme Low-Power (XLP) technology for a wide range of applications. Drag-and-Drop Programming Programming the MPLAB Xpress PIC16F18877 Evaluation Board is quick and easy. We’ve integrated a unique drag-and-drop programmer for compatibility with almost any USB-connected PC, laptop, or tablet. The MPLAB Xpress Evaluation board connects to your PC as a USB Flash drive, so no drivers are needed. Programming of the target device is completed in microseconds, with no waiting. Features Integrates seamlessly with MPLAB Xpress cloud-based IDE and MPLAB Code Configurator for the quickest development cycle On-Board PIC16F18877 MCU Application Processor Integrated Drag-and-Drop Programmer with USB Interface- no drivers required! Compact footprint offers flexibility during prototyping phase Package Contents MPLAB Xpress PIC16F18877 Evaluation Board |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |