Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EL819 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # EL819
Description  Photocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL819 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button EL819 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EVERLIGHT ELETCRONICS CO., LTD
Technical Data Sheet
Photocoupler
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 6of11
Device No.:DPC-819-001
Prepared date:07-20-2005
Prepared by:Eric Chen
EL819 Series
Supplement
Rank Table of Current Transfer Ratio CTR
Model No.
Rank mark
CTR (%)
Condition
EL819
50 to 400
EL819
L
50 to 100
EL819
A
80 to 160
EL819
B
130 to 260
EL819
C
200 to 400
IF
= 5 mA
VCE = 5 V
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com