Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP2014 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP2014
Description  Synchronous PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2014 Datasheet(HTML) 5 Page - Anachip Corp

  AP2014 Datasheet HTML 1Page - Anachip Corp AP2014 Datasheet HTML 2Page - Anachip Corp AP2014 Datasheet HTML 3Page - Anachip Corp AP2014 Datasheet HTML 4Page - Anachip Corp AP2014 Datasheet HTML 5Page - Anachip Corp AP2014 Datasheet HTML 6Page - Anachip Corp AP2014 Datasheet HTML 7Page - Anachip Corp AP2014 Datasheet HTML 8Page - Anachip Corp AP2014 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP2014/A
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.2 Nov 29, 2005
5/12
Typical Application Circuit (Continued)
(3)
Vout +5V/5.0A
C5
0.47u
R3
8.2
C13
470u
C1
0.1uF
C8
470u
D1
1N4148
R2
3K
C11
0.1u
U1
AP2014
1
2
3
4
5
6
7
8
FB
Vcc
LDrv
GND HDrv
Vc
Comp
SS
R1
10K
Q1
AF4910N-1
R6
39k
VIN=12V
C20
100p
C4
0.1u
C6
10nF
Q2
AF4910N-2
C17
0.1u
1N4148
D2
C3
100u
L1
10uH/6A
Single Supply 12V Input
(4)
Vout +5V/4.0A
C5
0.47u
R3
8.2
C13
470u
C1
0.1uF
C8
470u
D1
1N4148
R2
3.3K
C11
0.1u
U1
AP2014
1
2
3
4
5
6
7
8
FB
Vcc
LDrv
GND HDrv
Vc
Comp
SS
R1
10K
Q1-1
AF4928N-1
R6
47k
VIN=24V
C20
100p
C4
0.1u
C6
10nF
Q1-2
AF4928N-2
C17
0.1u
1N4148
D2
C3
100u
L1
10uH/6A
1.2K
RZD
R3
8.2
ZD
6.2V
IZD( 15mA)=(VIN-VD2-VZD)/RZD
Single Supply 24V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com