Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HAL5XY Datasheet(PDF) 21 Page - Micronas

Part # HAL5XY
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL5XY Datasheet(HTML) 21 Page - Micronas

Back Button HAL5XY Datasheet HTML 17Page - Micronas HAL5XY Datasheet HTML 18Page - Micronas HAL5XY Datasheet HTML 19Page - Micronas HAL5XY Datasheet HTML 20Page - Micronas HAL5XY Datasheet HTML 21Page - Micronas HAL5XY Datasheet HTML 22Page - Micronas HAL5XY Datasheet HTML 23Page - Micronas HAL5XY Datasheet HTML 24Page - Micronas HAL5XY Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
April 15. 2010; DSH000020_004EN
21
MHz
VDD
f
0.01
0.10
1
10
100
1000
0
10
20
30
40
50
60
70
80
μ
dB V
max. spurious
signals
VP = 12 V
TA = 25 °C
Quasi-Peak-
Measrement
test circuit 2
HAL 5xx
Fig. 3–19: Typ. spectrum of supply current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com