Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFS1003 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # RFS1003
Description  5.1-5.9 GHz U-NII Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFS1003 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  RFS1003 Datasheet HTML 1Page - ANADIGICS, Inc RFS1003 Datasheet HTML 2Page - ANADIGICS, Inc RFS1003 Datasheet HTML 3Page - ANADIGICS, Inc RFS1003 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
05/2003
RFS1003
5.1-5.9 GHz U-NII Power Amplifier
Applications
U-NII fixed-wireless CPE
5 GHz ISM band wireless equipment
WLAN/802.11a/HIPERLAN/2
1
2
3
4
5
6
19
20
21
22
23
24
18
17
16
15
14
13
12
11
10
9
8
7
N/C
GND
RF OUT
RF OUT
RF OUT
GND
N/C
GND
RF IN
GND
N/C
N/C
Interstage
Match
Interstage
Match
Input
Match
Functional Block Diagram
Product Description
The RFS1003 power amplifier is a high-power, high-
performance GaAs MESFET IC designed for use in
transmit applications in the 5.1-5.9 GHz frequency
band. With a P1dB of 29 dBm, the device is ideal as a
final stage for wireless applications requiring high
transmit linearity. The input of the PA is matched to 50
ohms and the output can be easily matched for optimum
linearity and power performance at the desired
frequency of operation between 5.1 and 5.9 GHz.
Product Features
29 dBm P1dB@7V
•24 dBm P1dB@3V
20 dB gain
Input matched to 50 ohms
Simple output matching
0.05
2.80 SQ
1.00
0.275
0.225
0.45
0.35
0.50 TYP
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
1 ALL DIMENSIONS ARE IN
MILLIMETERS, ANGLES IN DEGREES.
2 THE TERMINAL #1 IDENTIFIER AND
PAD NUMBERING CONVENTION SHALL
CONFORM TO JESD 95-1 SPP-012
3 LEAD COPLANARITY: 0.05 MAX.
4 DIMENSION APPLIES TO METALLIZED
PAD AND IS MEASURED BETWEEN 0.25
AND 0.30 MM FROM PAD TIP.
4
24
Pin 1
4.00
4.00
INDEX AREA
1.00
0.80
4x4 mm Package Outline


Similar Part No. - RFS1003

ManufacturerPart #DatasheetDescription
logo
Mersen
RFS100/RLS100 MERSEN-RFS100/RLS100 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
ANADIGICS, Inc
RFS1006 ANADIGICS-RFS1006 Datasheet
71Kb / 4P
3.4-3.6 GHz Power Amplifier
05/2003
More results

Similar Description - RFS1003

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
ANADIGICS, Inc
RFSP5022 ANADIGICS-RFSP5022 Datasheet
73Kb / 4P
5.15-5.85 GHz U-NII Power Amplifier
05/2003
logo
List of Unclassifed Man...
TAG-1030 ETC1-TAG-1030 Datasheet
490Kb / 2P
5.725 to 5.825 GHz MMIC U-NII Band Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-25203 AVAGO-MGA-25203 Datasheet
207Kb / 15P
5.1 - 5.9 GHz WiFi and WiMAX Power Amplifi er (3x3mm)
logo
Microchip Technology
SST11CP16 MICROCHIP-SST11CP16 Datasheet
204Kb / 14P
5.1-5.9 GHz High-Linearity Power Amplifier
9/14
SST11CP22 MICROCHIP-SST11CP22 Datasheet
871Kb / 17P
5.1-5.9 GHz 802.11ac WLAN Power Amplifier
01/27/15
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
5.9 ??7.1 GHz Power Amplifier
September 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com