Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFSP2023 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # RFSP2023
Description  2.4 GHz 802.11b/g WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP2023 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  RFSP2023 Datasheet HTML 1Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 2Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 3Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 4Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 5Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 6Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 7Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 8Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Data Sheet - Rev 2.3
04/2005
RFS P2023
Table 1: Pin Description
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1D
N
Gd
n
u
o
r
G9
T
E
D
1
C
D
1
s
a
i
B
r
o
t
c
e
t
e
D
2F
R NI
t
u
p
n
I
F
R0
1D
N
Gd
n
u
o
r
G
3D
N
Gd
n
u
o
r
G1
1F
R
T
U
O
t
u
p
t
u
O
F
R
4V 1
C
P
1
l
o
rt
n
o
C
r
e
w
o
P2
1D
N
Gd
n
u
o
r
G
5V C
B
e
g
a
tl
o
V
ti
u
c
ri
C
s
a
i
B3
1V 3
C
C
e
g
a
tl
o
V
y
l
p
p
u
S
6V 3/
2
C
P
3
/
2
l
o
rt
n
o
C
r
e
w
o
P4
1V 2
C
C
e
g
a
tl
o
V
y
l
p
p
u
S
7T
E
D
2
C
D
2
s
a
i
B
r
o
t
c
e
t
e
D5
1C
Nt
c
e
n
n
o
C
o
N
8T
E
D
T
U
O
t
u
p
t
u
O
r
o
t
c
e
t
e
D
r
e
w
o
P6
1V 1
C
C
e
g
a
tl
o
V
y
l
p
p
u
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com