Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STC5DNF30V Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC5DNF30V
Description  Dual N-channel 30V - 0.032Ω - 4.5A - TSSOP8 2.7V-Driver STripFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC5DNF30V Datasheet(HTML) 1 Page - STMicroelectronics

  STC5DNF30V Datasheet HTML 1Page - STMicroelectronics STC5DNF30V Datasheet HTML 2Page - STMicroelectronics STC5DNF30V Datasheet HTML 3Page - STMicroelectronics STC5DNF30V Datasheet HTML 4Page - STMicroelectronics STC5DNF30V Datasheet HTML 5Page - STMicroelectronics STC5DNF30V Datasheet HTML 6Page - STMicroelectronics STC5DNF30V Datasheet HTML 7Page - STMicroelectronics STC5DNF30V Datasheet HTML 8Page - STMicroelectronics STC5DNF30V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
April 2006
Rev 1
1/12
12
STC5DNF30V
Dual N-channel 30V - 0.032
Ω - 4.5A - TSSOP8
2.7V-Driver STripFET™ Power MOSFET
General features
■
Standard outline for easy automated surface
mount assembly
■
Ultra low threshold gate drive (2.7V)
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility. No electrical connections are
shared between mosfets.
Applications
■
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STC5DNF30V
30V
< 0.035
Ω (@4.5V)
< 0.040
Ω (@2.7V)
4.5A
TSSOP8
www.st.com
Order codes
Part number
Marking
Package
Packaging
STC5DNF30V
C5DNF30V
TSSOP8
Tape & reel


Similar Part No. - STC5DNF30V

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STC503D KODENSHI-STC503D Datasheet
384Kb / 5P
NPN Silicon Transistor
STC503D KODENSHI-STC503D Datasheet
384Kb / 5P
NPN Silicon Transistor
STC503F KODENSHI-STC503F Datasheet
400Kb / 5P
NPN Silicon Transistor
STC503F KODENSHI-STC503F Datasheet
400Kb / 5P
NPN Silicon Transistor
logo
Connor-Winfield Corpora...
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
Synchronous Clock for SETS
More results

Similar Description - STC5DNF30V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET™ II POWER MOSFET
Feb-2003
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
Apr-1999
STC5NF30V STMICROELECTRONICS-STC5NF30V Datasheet
271Kb / 8P
N-CHANNEL 30V - 0.027 OHM - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET
Jun-2003
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
305Kb / 8P
N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
Feb-2003
STC5NF20V STMICROELECTRONICS-STC5NF20V_07 Datasheet
266Kb / 12P
N-channel 20V - 0.030ohm - 5A - TSSOP8 2.7V-drive STripFET™ ll Power MOSFET
01-Feb-2007
STS4DNFS30 STMICROELECTRONICS-STS4DNFS30 Datasheet
297Kb / 12P
N-channel - 30V - 0.044ohm - 4.5A SO-8 STripFET tm Power MOSFET plus schottky rectifier
19-Jul-2005
STC5NF30V STMICROELECTRONICS-STC5NF30V_06 Datasheet
295Kb / 12P
N-channel 30V - 0.027Ω - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
08-Aug-2006
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
STC5NF20V_0710 STMICROELECTRONICS-STC5NF20V_0710 Datasheet
267Kb / 12P
N-channel 20V - 0.030Ω - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
25-Oct-2007
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com