Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STCCP27A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCCP27A
Description  1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCCP27A Datasheet(HTML) 1 Page - STMicroelectronics

  STCCP27A Datasheet HTML 1Page - STMicroelectronics STCCP27A Datasheet HTML 2Page - STMicroelectronics STCCP27A Datasheet HTML 3Page - STMicroelectronics STCCP27A Datasheet HTML 4Page - STMicroelectronics STCCP27A Datasheet HTML 5Page - STMicroelectronics STCCP27A Datasheet HTML 6Page - STMicroelectronics STCCP27A Datasheet HTML 7Page - STMicroelectronics STCCP27A Datasheet HTML 8Page - STMicroelectronics STCCP27A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2006
Rev. 1
1/19
19
STCCP27A
1.8V/2.8V High speed dual differential line receivers,
Compact camera port decoder, I2C control line
Feature summary
s
SUB-Low voltage differential signaling inputs:
VID = 100mV with RT = 100Ω, CL =10pF
s
High signaling rate:
fIN = 416MHz max (D+,D-, CLK+, CLK-)
fOUT = 52MHz max (D1-D8, CLK)
s
Very high speed:
tpLH~tpHL=3.5ns (typ) at VDD=2.8V; VL=1.8V
s
Operating voltage range:
VDD(OPR) = 2.65V to 3.6V
VL(OPR) =1.65V to 1.95V
s
Symmetrical output impedance
(D1-D8, H-SYNC, V-SYNC, CLK):
IIOHI=IOL=8mA (min) at VDD=2.65V;VL=1.8V
s
Low power dissipation
(Disabled: EN=Gnd):
ISOFF = IDD + IL = 10µA (max)
s
CMOS logic input threshold
(EN, SYNC_SEL):
VIL = 0.3xVDD; VDD =2.65V to 3.6V
VIH = 0.7xVDD; VDD =2.65V to 3.6V
s
Bidirectional level translator line
(I/OVDD, I/OVL) for I
2C communications:
400kHz max frequency
IIOHI= 20µA (min.) at VDD=2.8V;VL=1.8V
IOL = 1 mA (min.) at VDD=2.8V;VL=1.8V
s
3.6V Tolerant on inputs (EN, SYNC_SEL)
s
Leadfree µTFBGA package
(RoHS restriction of hazardous substances)
.
Description
The STCCP27A receiver converts the subLVDS
clock/datastream (up to 416 Mbps throughput
bandwidth) back into parallel 8 bits of CMOS/
LVTTL. The device recognizes the CCP 32bit
start of frame (SOF), end of frame (EOF), start of
line (SOL) and end of line (EOL) sequences to
generate the H-SYNC and V-SYNC signals.
Output LVTTL clock (up to 52 MHz) is transmitted
in parallel with data. Input and Output data are
rising edge strobe. This chipset is an ideal means
to link mobile camera modules to baseband
processors. In order to minimize static current
consumption, it is possible to shut down the
device when the interface is not being used by a
power-down (EN) pin that reduces to 10µA the
Maximum Current Consumption making this
device ideal for portable applications like Mobile
Phone, Portable Battery Equipment. Two
dedicated I2C lines are provided to translate
bidirectional controls from camera and µC
devices. The STCCP27A is offered in a µTFBGA
package to optimize PCB space. All inputs and
outputs are equipped with protection circuits
against static discharge, giving them ESD
immunity from transient excess voltage. The
STCCP27A is characterized for operation over
the commercial temperature range -40°C to 85°C.
µTFBGA25
www.st.com
Order code
Part number
Temperature
Range
Package
Comments
STCCP27ATBR
-40 to 85 °C
µTFBGA25 3x3mm (Tape & Reel)
3000 parts per reel


Similar Part No. - STCCP27A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
More results

Similar Description - STCCP27A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STSMIA832 STMICROELECTRONICS-STSMIA832 Datasheet
433Kb / 23P
1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
03-May-2006
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
High speed differential line receivers
20-Mar-2007
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com