Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CM2915 Datasheet(PDF) 17 Page - Ceramate Technical

Part # CM2915
Description  LCD Driver (19x4) with Key Scan (4x8)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CM2915 Datasheet(HTML) 17 Page - Ceramate Technical

Back Button CM2915 Datasheet HTML 11Page - Ceramate Technical CM2915 Datasheet HTML 12Page - Ceramate Technical CM2915 Datasheet HTML 13Page - Ceramate Technical CM2915 Datasheet HTML 14Page - Ceramate Technical CM2915 Datasheet HTML 15Page - Ceramate Technical CM2915 Datasheet HTML 16Page - Ceramate Technical CM2915 Datasheet HTML 17Page - Ceramate Technical CM2915 Datasheet HTML 18Page - Ceramate Technical CM2915 Datasheet HTML 19Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CM2915
LCD Driver (19*4) with Key Scan (4*8)
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 17 of 19
Rev 1.0 Aug.1, 2003
9
Application circuit
(For RC oscillator use)
COM 0 -- COM3
SEG0 - SEG18
RLCD-3
VDD
SYNCB
CKWB
DI
GND
ROSC
IR rcv.
DOUT
0.1u
R1
R2
R3
R4
D7
AIN
200Kohm
C1
C2
C3
C4
C5
C6
C7
C8
VLCD
4.3K
30K
1000pF
MCU
GND
Px
Px
Px
Px
XI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com