Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BZX84C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BZX84C
Description  SILIICON PLANAR VOLTAGE REGULATOR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX84C Datasheet(HTML) 1 Page - Continental Device India Limited

  BZX84C Datasheet HTML 1Page - Continental Device India Limited BZX84C Datasheet HTML 2Page - Continental Device India Limited BZX84C Datasheet HTML 3Page - Continental Device India Limited BZX84C Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILIICON PLANAR VOLTAGE REGULATOR DIODE
BZX84C2V4 to 75V
SOT-23
Formed SMD Package
Low voltage general purpose voltage regulator diode
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
UNIT
%
Repetitive Peak Forward Current
mA
Repetitive Peak Working Current
mA
mW
mW
°C
°C
THERMAL RESISTANCE
K/W
* Device mounted on a ceramic alumna
** Device mounted on an FR5 printed circuit board
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
Temperature
Differential
IR
at VR
Marking
Coefficient
Resistance
SZ (mV/K)
rdiff (
Ω)
µµA
at IZ test=5mA
at IZ test=1mA
min
max
min
max
max
Max
(V)
BZX84C2V4
2.20
2.60
-3.5
600
50
1.0
Z11
BZX84C2V7
2.50
2.90
-3.5
600
20
1.0
Z12
BZX84C3V0
2.80
3.20
-3.5
600
10
1.0
Z13
BZX84C3V3
3.10
3.50
-3.5
600
5.0
1.0
Z14
BZX84C3V6
3.40
3.80
-3.5
600
5.0
1.0
Z15
BZX84C3V9
3.70
4.10
-3.5
600
3.0
1.0
Z16
BZX84C4V3
4.00
4.60
-3.5
600
3.0
1.0
Z17
BZX84C4V7
4.40
5.00
-3.5
0.2
500
3.0
2.0
Z1
BZX84C5V1
4.80
5.40
-2.7
1.2
480
2.0
2.0
Z2
BZX84C5V6
5.20
6.00
-2.0
2.5
400
1.0
2.0
Z3
BZX84C6V2
5.80
6.60
0.4
3.7
150
3.0
4.0
Z4
BZX84C6V8
6.40
7.20
1.2
4.5
80
2.0
4.0
Z5
BZX84C7V5
7.00
7.90
2.5
5.3
80
1.0
5.0
Z6
BZX84C8V2
7.70
8.70
3.2
6.2
80
0.7
5.0
Z7
BZX84C9V1
8.50
9.60
3.8
7.0
100
0.5
6.0
Z8
BZX84C10
9.40
10.60
4.5
8.0
150
0.2
7.0
Z9
BZX84C2V4_75V Rev_060506E
*** Pulse Test 20ms < tp < 50ms
15
15
15
20
60
40
10
15
90
90
90
80
100
100
95
95
+ 5
VALUE
max
IZRM
Storage Temperature
Tstg
Junction to Ambient
*Rth (j-a)
DESCRIPTION
IFRM
Working Voltage Tolerance
Power Dissipation upto Ta=25ºC
SYMBOL
*PD
***VZ ( + 5%)
(V)
at IZ test=5mA
Resistance
rdiff (
Ω)
at IZ test=5mA
250
420
300
- 65 to +150
250
Forward Voltage at VF <0.9V at 10mA and <1.5V at 200mA
Voltage
150
250
Differential
Working
Power Dissipation upto Tc=25ºC
**PD
Junction Temperature
Tj
1
2
3
Pin Configuration
1 = AN ODE
2 = NC
3 = CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BZX84C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C RECTRON-BZX84C Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C FAIRCHILD-BZX84C Datasheet
197Kb / 6P
Series Zeners
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Pan Jit International I...
BZX84C PANJIT-BZX84C Datasheet
111Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZX84C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
SILIICON PLANAR ZENER DIODES
CMBZ5225 CDIL-CMBZ5225 Datasheet
100Kb / 3P
SILIICON PLANAR ZENER DIODE
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com