Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CJD86 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJD86
Description  NPN SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD86 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJD86 Datasheet HTML 1Page - Continental Device India Limited CJD86 Datasheet HTML 2Page - Continental Device India Limited CJD86 Datasheet HTML 3Page - Continental Device India Limited CJD86 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTOR
CJD86
DPAK (TO-252)
Plastic Package
For High Speed Switching Application
ABSOLUTE MAXIMUM RATINGS (Tc=25ºC )
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Peak Collector Current
ICP
A
Power Dissipation
PD
W
Mounted on Ceramic Board (250mm
2
X 8.0 mm)
W
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
*These ratings are applicable when surface mounted on the minimum pad sizes recommended. (see page no 3)
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNITS
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
50
V
Collector Base Voltage
VCBO
IC=10µA, VCE=2V
60
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
6.0
V
Collector Cut Off Current
ICBO
VCB =40V, IE=0
1.0
µA
Emitter Cut Off Current
IEBO
VEB=4V, IC = 0
1.0
µA
DC Current Gain
*hFE
**IC=100mA, VCE=2V
100
560
IC =3A, VCE=2V
35
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
VCE=10V, IC=50mA
150
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
25
pF
**hFE Classifications
R : 100 - 200,
S : 140 - 280,
T : 200 - 400,
U : 280 - 560
MARKING
CDIL
MJD86
XY MX
XY= Date Code
**Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2%
CJD86Rev100605E
VALUE
60
50
3.0
1.5
6.0
0.5
6.0
XY MX
XY
MX
XY
MX
XY MX
CDIL
CDIL
CDIL
MJD86R
MJD86S
MJD86T
CDIL
150
- 55 to +150
MJD86U
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Continental Device India Limited
Data Sheet
Page 1 of 4


Similar Part No. - CJD86

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJD81 CDIL-CJD81 Datasheet
131Kb / 5P
NPN SILICON POWER TRANSISTOR
More results

Similar Description - CJD86

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com