Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CJD136 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CJD136
Description  TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD136 Datasheet(HTML) 2 Page - Continental Device India Limited

  CJD136 Datasheet HTML 1Page - Continental Device India Limited CJD136 Datasheet HTML 2Page - Continental Device India Limited CJD136 Datasheet HTML 3Page - Continental Device India Limited CJD136 Datasheet HTML 4Page - Continental Device India Limited CJD136 Datasheet HTML 5Page - Continental Device India Limited CJD136 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TRIAC
CJD136
DPAK (TO-252)
Plastic Package
ELECTRICAL CHARACTERISTICS (TJ=25ºC unless specified otherwise)
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Latching Current
IL
VD=12V, IGT=0.1A
T2+ G+
20
mA
T2+ G-
30
mA
T2- G-
20
mA
T2- G+
30
mA
Holding Current
IH
VD=12V, IGT=0.1A
15
mA
On State Voltage
VT
IT=5A
1.7
V
Gate Trigger Voltage
VGT
VD=12V, IT=0.1A
1.5
V
VD=400V, IT=0.1A,TJ=125ºC
0.25
V
Off State Leakage Current
ID
VD=max, VDRM=max, TJ=125ºC
0.5
mA
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Critical Rate of Rise of off State Voltage
dVD/dt
VDM=67% VDRM=max, TJ=125ºC,
exponential waveform, gate open
circuit
100
V/
µs
Critical Rate of Change of Commutating
Voltage
dVcom/dt
VDM=400V, TJ=95ºC, IT(RMS)=4A,
d/com/dt=1.8A/ms, gate open
circuit
50
V/
µs
Gate Controlled turn on time
tgt
ITM=6A, VD=VDRM max, IG=0.1A,
dlG/dt=5A/µs
2.0
µs
CJD136Rev171104E
Continental Device India Limited
Data Sheet
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com