Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CJD136D Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJD136D
Description  TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD136D Datasheet(HTML) 1 Page - Continental Device India Limited

  CJD136D Datasheet HTML 1Page - Continental Device India Limited CJD136D Datasheet HTML 2Page - Continental Device India Limited CJD136D Datasheet HTML 3Page - Continental Device India Limited CJD136D Datasheet HTML 4Page - Continental Device India Limited CJD136D Datasheet HTML 5Page - Continental Device India Limited CJD136D Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TRIAC
CJD136D
DPAK (TO-252)
Plastic Package
For use in high bidirectional transient and blocking voltage applications, and for high thermal
cycling performance. Typical Applications include Motor Control, Industrial and Domestic
Lighting, Heating and Static Switching.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITION
UNIT
Repetitive Peak Off State Voltage
*VDRM
V
RMS on State Current
IT (RMS)
full sine wave, Tmb <107ºC
A
Non Repetitive Peak on State Current
ITSM
full sine wave, TJ=25ºC prior to
t=20ms
A
t=16.7ms
A
l
2t for Fusing
I
2t
t=10ms
A
2s
Repetitive Rate of Rise of on State
Current After Triggering
dlT/dt
ITM=6A, IG=0.2A, dlG/dt=0.2A/µs
T2+ G+
A/
µs
T2+ G-
A/
µs
T2- G-
A/
µs
T2- G+
A/
µs
Peak Gate Current
IGM
A
Peak Gate Voltage
VGM
V
Peak Gate Power
PGM
W
Average Gate Power
PG (AV)
Over any 20ms period
W
Storage Temperature
Tstg
- 40 to +150
ºC
Operating Junction Temperature
Tj
ºC
*The rate of rise of current should not excees 3A/
µµs
THERMAL RESISTANCE
Junction to Mounting Base
Rth (j-mb)
full cycle
K/W
half cycle
K/W
Junction to Ambient (typical)
Rth (j-a)
in free air
K/W
ELECTRICAL CHARACTERISTICS (TJ=25ºC unless specified otherwise)
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Gate Trigger Current
IGT
VD=12V, IT=0.1A
T2+ G+
5.0
mA
T2+ G-
5.0
mA
T2- G-
5.0
mA
T2- G+
10
mA
MARKING
CDIL
CJD136D
XY
MX
XY= Date Code
CJD136DRev100706E
5.0
5.0
0.5
125
3.0 max
3.7 max
60 typ
VALUE
600
4.0
25
50
10
2.0
27
3.1
50
50
Continental Device India Limited
Data Sheet
Page 1 of 6
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJD136D

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJD136 CDIL-CJD136 Datasheet
686Kb / 6P
TRIAC
More results

Similar Description - CJD136D

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
Triac
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
TRIAC
logo
Renesas Technology Corp
BCR5CM12RA RENESAS-BCR5CM12RA Datasheet
92Kb / 7P
Triac
BCR8FM12LB RENESAS-BCR8FM12LB Datasheet
138Kb / 8P
Triac
BCR20CM12LB RENESAS-BCR20CM12LB Datasheet
202Kb / 8P
Triac
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com