Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CJD137D Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJD137D
Description  TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD137D Datasheet(HTML) 1 Page - Continental Device India Limited

  CJD137D Datasheet HTML 1Page - Continental Device India Limited CJD137D Datasheet HTML 2Page - Continental Device India Limited CJD137D Datasheet HTML 3Page - Continental Device India Limited CJD137D Datasheet HTML 4Page - Continental Device India Limited CJD137D Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TRIAC
CJD137D
DPAK (TO-252)
Plastic Package
For use Motor, Light Dimmer, Air Con, Electric Switch Applications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
UNIT
Repetitive Peak Off State Voltage
V
RMS on State Current
A
Non Repetitive Peak on State Current
A
Operating Junction Temperature
ºC
Storage Temperature
- 40 to +125
ºC
Average Gate Power
W
Peak Gate Power
W
ELECTRICAL CHARACTERISTICS (TJ=25ºC unless specified otherwise)
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Off State Leakage Current
IDRM
VD=400V
100
µA
On State Voltage
VTM
IT=5A, IG=35mA
1.65
V
Holding Current
IH
VD=12V, IG=35mA
20
mA
Gate Trigger Current
IGT
VD=12V, RL=100Ω
T2+ G+
35
mA
T2+ G-
35
mA
T2- G-
35
mA
400E
15
mA
400F
15
35
mA
Gate Trigger Voltage
VGT
VD=12V, RL=100Ω
T2+ G+
1.5
V
T2+ G-
1.5
V
T2- G-
1.5
V
MARKING
CDIL
CDIL
CJD137D
CJD137DE
XY
MX
XY
MX
XY= Date Code
CJD137DRev120606E
CDIL
CJD137DF
XY
MX
Tstg
Tj
PG (AV)
*VDRM
IT (RMS)
ITSM
55
VALUE
400
8.0
5.0
0.5
110
PGM
SYMBOL
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJD137D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD13003 CENTRAL-CJD13003 Datasheet
682Kb / 2P
NPN SILICON POWER TRANSISTOR
logo
Continental Device Indi...
CJD136 CDIL-CJD136 Datasheet
686Kb / 6P
TRIAC
CJD136D CDIL-CJD136D Datasheet
670Kb / 6P
TRIAC
More results

Similar Description - CJD137D

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
Triac
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
TRIAC
logo
Renesas Technology Corp
BCR5CM12RA RENESAS-BCR5CM12RA Datasheet
92Kb / 7P
Triac
BCR8FM12LB RENESAS-BCR8FM12LB Datasheet
138Kb / 8P
Triac
BCR20CM12LB RENESAS-BCR20CM12LB Datasheet
202Kb / 8P
Triac
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
Triac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com