Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB-2020 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-2020
Description  12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-2020 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-2020 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2020
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
Overview
The USB-2020 is a high-speed two-channel data acquisition board that provides
simultaneous sampling at rates up to 20 MS/s per channel. Users can sample data
from both channels at an overall rate of 40 MS/s to the 64 megasample onboard
memory, or continuously stream data to a host computer at up to 8 MS/s for one
or both channels over a high-speed USB connection.
Each channel has its own A/D converter for simultaneous sampling to eliminate
channel skew and ensure phase information between channels is maintained.
Flexible triggering and gating ensures data is acquired when needed. The clock I/O
input allows acquisitions to be controlled by the onboard clock or by an external
clock source for applications that require user-supplied pacing.
The board provides signal connections through four standard BNC connectors
and a 40-pin auxiliary connector.
AI Acquisition Modes
The USB-2020 can acquire analog data
using BURSTIO or continuous scan mode.
BURSTIO
BURSTIO enables a device to acquire data
at higher rates than are supported by the
USB data transfer rate.
In BURSTIO, the USB-2020 can sample
data to onboard memory at rates up to
20 MS/s per channel.
BecauseeachchannelhasitsownA/Dcon-
verter, an overall sample rate of 40 MS/s is
achieved when sampling both channels.
The simultaneous sampling eliminates
channel skew and maintains phase coher-
ence between the two channels.
The USB-2020 offers high-speed simultaneous sampling at rates up to 20 MS/s per channel
to onboard memory.
The memory buffer can store up to
64 megasamples at the maximum rate for
transfer to the computer after the acquisi-
tion is complete.
Continuous Scan Mode
Continuous scan mode enables data to be
directly transferred to the host computer
during acquisition. The maximum rate
in continuous scan mode is 8 MS/s for
all acquired data (one channel or two
channels). The maximum rate achieved
depends on the host computer.
External Clock I/O
USB-2020 analog input scanning opera-
tions can be paced with the internal A/D
clock or with an external clock source.
The CLK IO connector can be configured
through software for input (default) for
external pacing, or for output to pace a
connected device.
Trigger Input
The USB-2020 supports software-select-
able digital and analog triggers and gates.
• Digital triggers can be configured for
rising or falling edge, or for high or
low level.
• Analog triggers can be configured
for above or below level, or for ris-
ing or falling edge with hysteresis.
• Digital gates can be configured for
high or low level.
• Analog gates can be configured for
software-selectable high or low level,
or for in or out of window.
An analog scan can have a trigger or a gate,
but not both. For example, you cannot
use an analog trigger and use the TRIG IN
BNC connector to gate at the same time.
Features
• Two 20 MS/s simultaneous-
sampling analog inputs
• 12-bit resolution
• 64 megasample onboard
memory
− 40 MS/s overall rate to
onboard memory when
acquiring from both channels
− 8 MS/s throughput to host PC
• Analog and digital triggering
and gating
• Internal or external pacing of
analog scans
• Eight digital I/O lines
• BNC and 40-pin header for
signal connections
Supported Operating Systems
• Windows®
11/10/8/7/
Vista®XP 32/64-bit
• Linux®


Similar Part No. - USB-2020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-2001-TC ETC-USB-2001-TC Datasheet
762Kb / 4P
Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
More results

Similar Description - USB-2020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
214Kb / 19P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV.A
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
System Logic Semiconduc...
PCI-9812 SLS-PCI-9812 Datasheet
86Kb / 2P
4-CH 10/12-bit 20 MS/s Simultaneous-Sampling Analog Input Cards
logo
Analog Devices
AD7864 AD-AD7864_09 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7864 AD-AD7864_15 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com