Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PQ2006-1R0-30-T-R Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # PQ2006-1R0-30-T-R
Description  Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

PQ2006-1R0-30-T-R Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  PQ2006-1R0-30-T-R Datasheet HTML 1Page - Standex Electronics, Inc. PQ2006-1R0-30-T-R Datasheet HTML 2Page - Standex Electronics, Inc. PQ2006-1R0-30-T-R Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A Global Leader in the Design, Development, and
Manufacture of Sensors and Magnetic Components
Planar Inductors for the PQ20,26,32 Sizes | 0.4-6.0µH, 80A max
www.standexmeder.com
Mechanical Dimensions in mm – Planar Inductors for the PQ20,26,32 Sizes | 0.4-6.0µH, 80A max
PQ2007-0R4-70-G | 0.4 µH
PQ2007-2R2-25-G | 2.2 µH
PQ2007-4R4-15-G | 4.4 µH
PQ2006-IR0-30-G | 1.0 µH
PQ2613-1R0-80-G | 1.0 µH
PQ3213-0R9-70-G | 0.9 µH
PQ3218-3R3-70-T | 3.3 µH
PQ3218-6R0-50-T - 6.0 µH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com