Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSC1009Y Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC1009Y
Description  PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1009Y Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC1009Y Datasheet HTML 1Page - Continental Device India Limited CSC1009Y Datasheet HTML 2Page - Continental Device India Limited CSC1009Y Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709
PNP
CSC1009 NPN
TO-92
CBE
High Voltage Amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C )
DESCRIPTION
SYMBOL
CSA709
CSC1009
UNIT
Collector -Base Voltage
VCBO
160
160
V
Collector -Emitter Voltage
VCEO
150
140
V
Emitter -Base Voltage
VEBO
8.0
8.0
V
Collector Current
IC
700
700
mA
Collector Dissipation
PC
800
800
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
CSA709
CSC1009
UNIT
Collector -Base Voltage
VCBO
IC=100uA.IE=0
>160
>160
V
Collector -Emitter Voltage
VCEO
IC=10mA,IB=0
>150
>140
V
Emitter-Base Voltage
VEBO
IE=100uA, IC=0
>8.0
>8.0
V
Collector-Cut off Current
ICBO
VCB=60V, IE=0
-
<100
nA
VCB=100V, IE=0
<100
-
nA
Emitter-Cut off Current
IEBO
VEB=5V, IC=0
<100
<100
nA
DC Current Gain
hFE*
IC=50mA,VCE=2V
40-400
40-400
Collector Emitter Saturation Voltage
VCE(Sat)* IC=200mA,IB=20mA
<0.4
<0.7
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=200mA,IB=20mA
<1.1
<1.1
V
DYNAMIC CHARACTERISTICS
Transition Frequency
ft
IC=50mA, VCE=10V
typ50
>30
MHz
Out-Put Capacitance
Cob
VCB=10V, IE=0
<10
typ8.0
pF
f=1MHz
*hFE CLASSIFICATION
CSC1009
R : 40 - 80
O : 70 -140
Y : 120-240
G: 200-400
CSA709
-
O : 70 -140
Y : 120-240
G: 200-400
*Pulse Test: PW=350us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC1009Y

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
More results

Similar Description - CSC1009Y

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MMBT5451DW SEMTECH_ELEC-MMBT5451DW Datasheet
410Kb / 6P
NPN/PNP Silicon Epitaxial Planar Transistors
logo
DONGGUAN YOU FENG WEI E...
MMBT3946DW YFWDIODE-MMBT3946DW Datasheet
636Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
MMBT4413DW YFWDIODE-MMBT4413DW Datasheet
560Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com