Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF02-SPK01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-SPK01F2
Description  2 LINE EMI FILTER AND ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-SPK01F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK01F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK01F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK01F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK01F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK01F2 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMIF02-SPK01F2
4/7
Figure 8: Aplac model
Figure 9: Aplac parameters
model = D1
model = D2
model = D2
IN1
model = D1
OUT1
Rbump Lbump
Lbump Rbump
Rspk
Lspk
Rbump Lbump
Lbump Rbump
Rspk
Lspk
model = D3
IN2
OUT2
GND
Lsub
Rsub
Rbump
Lbump
Lgnd
Rgnd
Cgnd
GND
EMIF02-SPK01F1 model
Ground return
aplacvar Ls 1nH
aplacvar Rs 150m
aplacvar Rspk 10
aplacvar Lspk 10p
aplacvar Cdiode1 234pF
aplacvar Cdiode2 3.5ppF
aplacvar Cdiode3 1nF
aplacvar Lbump 50pH
aplacvar Rbump 10m
aplacvar Rsub 0.5m
aplacvar Lsub 10pH
aplacvar Rgnd 1m
aplacvar Lgnd 50pH
aplacvar Cgnd 0.15pF
Model D1
CJO=Cdiode1
BV=7
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.7
VJ=0.6
TT=50n
Model D2
CJO=Cdiode2
BV=7
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.3
VJ=0.6
TT=50n
Model D3
CJO=Cdiode3
BV=7
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.12
VJ=0.6
TT=50n



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com