Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRIS2K-W4/22 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LRIS2K-W4/22
Description  Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-W4/22 Datasheet(HTML) 6 Page - STMicroelectronics

  LRIS2K-W4/22 Datasheet HTML 1Page - STMicroelectronics LRIS2K-W4/22 Datasheet HTML 2Page - STMicroelectronics LRIS2K-W4/22 Datasheet HTML 3Page - STMicroelectronics LRIS2K-W4/22 Datasheet HTML 4Page - STMicroelectronics LRIS2K-W4/22 Datasheet HTML 5Page - STMicroelectronics LRIS2K-W4/22 Datasheet HTML 6Page - STMicroelectronics LRIS2K-W4/22 Datasheet HTML 7Page - STMicroelectronics LRIS2K-W4/22 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Part numbering
LRIS2K
6/8
2
Part numbering
For a full list of the available options, please see the current Memory Shortform Catalog.
For further information on any aspect of this device, please contact your nearest ST Sales
Office.
Table 3.
Ordering Information Scheme
Example:
LRIS2K
-
W4/22
Device type
LRIS2K
Package
W4 =180µm ± 15
∝m Unsawn Wafer
SBN18 = 180µm ± 15µm Bumped and Sawn Wafer on 8-inch Frame
A1T = 45mm x 76mm Copper Antenna on Continuous Tape
A1S = 45mm x 76mm Copper Singulated Adhesive Antenna on Tape



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com