Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA577D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA577D
Description  Unity gain level programmable low power compandor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA577D Datasheet(HTML) 1 Page - NXP Semiconductors

  SA577D Datasheet HTML 1Page - NXP Semiconductors SA577D Datasheet HTML 2Page - NXP Semiconductors SA577D Datasheet HTML 3Page - NXP Semiconductors SA577D Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors RF Communications Products
Product specification
NE/SA577
Unity gain level programmable low power compandor
2
December 15, 1993
853-1535 11649
DESCRIPTION
The NE/SA577 is a unity gain level
programmable compandor designed for low
power applications. The NE577 is internally
configured as an expandor and a compressor
to minimize external component count.
The NE577 is available in a 14-pin plastic
DIP and SO packages.
FEATURES
Operating voltage range: 1.8V to 7V
Low power consumption
(1.4mA @ 3.6V)
0dB level programmable
(10mVRMS to 1.0VRMS)
Over 90dB of dynamic range
Wide input/output swing capability
(rail-to-rail)
Low external component count
SA577 meets cellular radio specifications
ESD hardened
APPLICATIONS
High performance portable
communications
Cellular radio
Cordless telephone
Consumer audio
Wireless microphones
Modems
Electric organs
Hearing aids
Automatic level control (ALC)
PIN CONFIGURATION
GCELL-
IN
RECTIN
EXP-
CAP
EXPOUT
VREF
GND
VCC
COMPCAP2
COMPIN
COMPCAP1
RECTIN
GCELLIN
COMPOUT
IREF
D and N Packages
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE577N
0405B
14-Pin Plastic Small Outline (SO)
0 to +70
°C
NE577D
0175D
14-Pin Plastic Dual In-Line Package (DIP)
–40 to +85
°C
SA577N
0405B
14-Pin Plastic Small Outline (SO)
–40 to +85
°C
SA577D
0175D
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
NE577
SA577
VCC
Supply voltage
8
8
V
TA
Operating ambient temperature range
0 to +70
–40 to +85
°C
TSTG
Storage temperature range
–65 to +150
–65 to +150
°C
θJA
Thermal impedance
DIP
SO
90
125
90
125
°C/W
°C/W


Similar Part No. - SA577D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577D PHILIPS-SA577D Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
More results

Similar Description - SA577D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
Low power compandor
1997 Aug 14
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
Unity gain level programmable low power compandor
1997 Nov 07
NE572 PHILIPS-NE572 Datasheet
125Kb / 8P
Programmable analog compandor
October 7, 1987
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
Low Power Compandor
December 1993
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
Unity-Gain Stable
03/25/14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com