Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC2500A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 13Page - STMicroelectronics STLC2500A Datasheet HTML 14Page - STMicroelectronics STLC2500A Datasheet HTML 15Page - STMicroelectronics STLC2500A Datasheet HTML 16Page - STMicroelectronics STLC2500A Datasheet HTML 17Page - STMicroelectronics STLC2500A Datasheet HTML 18Page - STMicroelectronics STLC2500A Datasheet HTML 19Page - STMicroelectronics STLC2500A Datasheet HTML 20Page - STMicroelectronics STLC2500A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
STLC2500A
Functional description
17/37
5.4
Bluetooth controller 1.1 features
The Bluetooth Controller is based on Ericsson Technology Licensing Baseband Core (EBC)
and it is compliant with the Bluetooth specification 1.1:
–
Point to multipoint (up to 7 Slaves)
–
Asynchronous Connection Less (ACL) link support giving data rates up to 721
kbps
–
Synchronous Connection Oriented (SCO) link with support for 2 voice channels
over the air interface
–
Flexible voice format to Host and over the air (CVSD, PCM 13/16 bits, A-law,
µ-
law)
–
HW support for packet types: DM1, 3, 5; DH1, 3, 5; HV1, 3; DV
–
Scatternet capabilities (Master in one piconet and Slave in the other one; Slave in
two piconets). All scatternet v.1.1 errata supported
–
Ciphering support up to 128 bits key
–
Paging modes R0, R1, R2
–
Channel Quality Driven Data Rate
–
Full Bluetooth software stack available
–
Low-level link controller
–
Fully v.1.1 compatible via restricted mode
(e.g.: add_SCO_connection, read_local_supported_features, read_country_code)
5.5
Bluetooth controller 1.2 features
The Bluetooth Controller is also compliant with the Bluetooth specification 1.2:
–
Adaptive Frequency Hopping (AFH): hopping kernel, channel assessment as
Master and as Slave
–
Faster connection: Interlaced scan for Page and Inquiry scan, answer FHS at first
reception, RSSI used to limit range
–
Extended SCO (eSCO) links: supports EV3 and EV5 packets
–QoS Flush
–
Synchronization: BT clocks are available at HCI level for synchronization of
parallel applications on different slaves
–
L2CAP Flow & Error control
–
LMP improvements
–
LMP SCO handling
–
Parameter ranges update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com