Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAALSS0033 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAALSS0033
Description  Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0033 Datasheet(HTML) 4 Page - Tyco Electronics

  MAALSS0033 Datasheet HTML 1Page - Tyco Electronics MAALSS0033 Datasheet HTML 2Page - Tyco Electronics MAALSS0033 Datasheet HTML 3Page - Tyco Electronics MAALSS0033 Datasheet HTML 4Page - Tyco Electronics MAALSS0033 Datasheet HTML 5Page - Tyco Electronics MAALSS0033 Datasheet HTML 6Page - Tyco Electronics MAALSS0033 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Satellite Radio Low Noise Amplifier
2.2 - 2.4 GHz
MAALSS0033
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
4
RoHS
Compliant
Application Schematic
V
DD1
GND
RF
IN
GND
RF
OUT
V
DD2
V
DD
C1
L2
RF
IN
RF
OUT
C2
C3
C4
L1
V
DD1
GND
RF
IN
GND
RF
OUT
V
DD2
V
DD
C1
L2
RF
IN
RF
OUT
C2
C3
C4
L1
V
DD1
GND
RF
IN
GND
RF
OUT
V
DD2
V
DD
C1
L2
RF
IN
RF
OUT
C2
C3
C4
L1
V
DD1
GND
RF
IN
GND
RF
OUT
V
DD2
V
DD
C1
L2
RF
IN
RF
OUT
C2
C3
C4
L1
Recommended PCB Configuration
Component List - Satellite Radio @ 3.3 V
Part
Value
Case Size
Manufacturer
C1
0.5 pF
0402
Murata
C2
3.9 pF
0402
Murata
C3-C4
0.01 µF
0402
Murata
L1
6
5.6 nH
0402
Coilcraft
L2
100 nH
0402
Coilcraft
6. Must have a tolerance of 1%.
C4
C3
L1
C1
C2
L2
C4
C3
L1
C1
C2
L2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com